Electronic Components Datasheet Search
  English  ▼

X  

AP62201 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP62201
Description  4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP62201 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP62201 Datasheet HTML 1Page - Diodes Incorporated AP62201 Datasheet HTML 2Page - Diodes Incorporated AP62201 Datasheet HTML 3Page - Diodes Incorporated AP62201 Datasheet HTML 4Page - Diodes Incorporated AP62201 Datasheet HTML 5Page - Diodes Incorporated AP62201 Datasheet HTML 6Page - Diodes Incorporated AP62201 Datasheet HTML 7Page - Diodes Incorporated AP62201 Datasheet HTML 8Page - Diodes Incorporated AP62201 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
AP62200/AP62201/AP62200T
Document number: DS41957 Rev. 4 - 2
5 of 23
www.diodes.com
January 2021
© Diodes Incorporated
AP62200/AP62201/AP62200T
Electrical Characteristics (@ TJ = +25°C, VIN = 12V, unless otherwise specified. Min/Max limits apply across the recommended
operating junction temperature range, -40°C to +125°C, and input voltage range, 4.2V to 18V, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ISHDN
Shutdown Supply Current
VEN = 0V
—
1.3
—
μA
IQ
Quiescent Supply Current
AP62200/AP62200T:
VFB = 0.85V
—
135
—
μA
AP62201: VFB = 0.85V
—
270
—
μA
POR
VIN Power-on Reset Rising Threshold
—
—
3.90
4.15
V
UVLO
VIN Undervoltage Lockout Falling Threshold
—
—
3.6
—
V
RDS(ON)1
High-Side Power MOSFET On-Resistance (Note 8)
—
—
90
—
mΩ
RDS(ON)2
Low-Side Power MOSFET On-Resistance (Note 8)
—
—
65
—
mΩ
IVALLEY_LIMIT
LS Valley Current Limit (Note 8)
From source to drain
2.0
2.4
2.8
A
fSW
Oscillator Frequency
VOUT = 5V, CCM
—
750
—
kHz
tON_MIN
Minimum On-Time
—
—
90
—
ns
tOFF_MIN
Minimum Off-Time
—
—
220
—
ns
VFB
Feedback Voltage
AP62200/AP62201:
TA = +25°C, CCM
0.792
0.800
0.808
V
AP62200/AP62201: CCM
0.784
0.800
0.816
V
AP62200T:
TA = +25°C, CCM
0.755
0.763
0.770
V
AP62200T: CCM
0.747
0.763
0.778
V
VEN_H
EN Logic High Threshold
—
—
1.20
1.25
V
VEN_L
EN Logic Low Threshold
—
1.04
1.10
—
V
IEN
EN Input Current
VEN = 1.5V
—
7.0
—
μA
VEN = 1V
1.0
1.5
2.0
μA
tSS
Soft-Start Time
—
—
2.5
—
ms
TSD
Thermal Shutdown (Note 8)
—
—
+160
—
°C
THys
Thermal Shutdown Hysteresis (Note 8)
—
—
+20
—
°C
Note:
8. Compliance to the datasheet limits is assured by one or more methods: production test, characterization, and/or design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com