Electronic Components Datasheet Search
  English  ▼

X  

AP62201 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP62201
Description  4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP62201 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP62201 Datasheet HTML 10Page - Diodes Incorporated AP62201 Datasheet HTML 11Page - Diodes Incorporated AP62201 Datasheet HTML 12Page - Diodes Incorporated AP62201 Datasheet HTML 13Page - Diodes Incorporated AP62201 Datasheet HTML 14Page - Diodes Incorporated AP62201 Datasheet HTML 15Page - Diodes Incorporated AP62201 Datasheet HTML 16Page - Diodes Incorporated AP62201 Datasheet HTML 17Page - Diodes Incorporated AP62201 Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
AP62200/AP62201/AP62200T
Document number: DS41957 Rev. 4 - 2
14 of 23
www.diodes.com
January 2021
© Diodes Incorporated
AP62200/AP62201/AP62200T
Application Information (continued)
3
Enable (continued)
Alternatively, a small ceramic capacitor can be added from EN to GND. When EN is not driven externally, this capacitor increases the time needed
for the EN pin voltage to reach its logic high threshold, which delays the startup of the output voltage. This is useful when sequencing multiple
power rails to minimize input inrush current. When the EN pin voltage starts from 0V, the amount of capacitance for a given delay time is
approximated by:
������������[������������] ≈ ������. ������������������ ∙ ������������[������������]
Eq. 3
Where:
Cd is the time delay capacitance in nF
td is the delay time in ms
4
Electromagnetic Interference (EMI) Reduction with Ringing-Free Switching Node
In some applications, the system must meet EMI standards. In relation to high frequency radiation EMI noise,
the switching node’s (SW’s) ringing
amplitude is especially critical. To dampen high frequency radiated EMI noise, the AP62200/AP62201/AP62200T device implements a proprietary,
multi-level gate driver scheme that achieves a ringing-free switching node without sacrificing the switching nod
e’s rise and fall slew rates as well
as
the converter’s power efficiency.
5
Adjusting Undervoltage Lockout (UVLO)
Undervoltage lockout is implemented to prevent the IC from insufficient input voltages. The AP62200/AP62201/AP62200T device has a UVLO
comparator that monitors the input voltage and the internal bandgap reference. The AP62200/AP62201/AP62200T disables if the input voltage
falls below 3.6V. In this UVLO event, both the high-side and low-side power MOSFETs turn off.
Some applications may desire higher VIN UVLO threshold voltages than is provided by the default setup. A 5.5µA hysteresis pull-up current
source on the EN pin along with an external resistive divider (R3 and R4) configures the VIN UVLO threshold voltages as shown in Figure 39.
VIN
R3
R4
ON
EN
1.2V
I1
1.5μA
I2
5.5μA
20kΩ
+
–
Figure 39. Programming UVLO
The resistive divider resistor values are calculated by:
������������ =
������. ������������������ ∙ ������������������ − ������������������������
������. ������������������������������
Eq. 4
������������ =
������. ������ ∙ ������������
������������������������ − ������. ������������ + ������������������ ∙ ������������
Eq. 5
Where:
VON is the rising edge VIN voltage to enable the regulator and is greater than 4.15V
VOFF is the falling edge VIN voltage to disable the regulator and is greater than 3.85V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com