Electronic Components Datasheet Search
  English  ▼

X  

AP62201 Datasheet(PDF) 19 Page - Diodes Incorporated

Part # AP62201
Description  4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP62201 Datasheet(HTML) 19 Page - Diodes Incorporated

Back Button AP62201 Datasheet HTML 15Page - Diodes Incorporated AP62201 Datasheet HTML 16Page - Diodes Incorporated AP62201 Datasheet HTML 17Page - Diodes Incorporated AP62201 Datasheet HTML 18Page - Diodes Incorporated AP62201 Datasheet HTML 19Page - Diodes Incorporated AP62201 Datasheet HTML 20Page - Diodes Incorporated AP62201 Datasheet HTML 21Page - Diodes Incorporated AP62201 Datasheet HTML 22Page - Diodes Incorporated AP62201 Datasheet HTML 23Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
AP62200/AP62201/AP62200T
Document number: DS41957 Rev. 4 - 2
19 of 23
www.diodes.com
January 2021
© Diodes Incorporated
AP62200/AP62201/AP62200T
Layout
PCB Layout
1.
The AP62200/AP62201/AP62200T works at 2A load current so heat dissipation is a major concern in the layout of the PCB. 2oz copper for
both the top and bottom layers is recommended.
2.
Place the input capacitors as closely across VIN and GND as possible.
3.
Place the inductor as close to SW as possible.
4.
Place the output capacitors as close to GND as possible.
5.
Place the feedback components as close to FB as possible.
6.
If using four or more layers, use at least the 2nd and 3rd layers as GND to maximize thermal performance.
7.
Add as many vias as possible around both the GND pin and under the GND plane for heat dissipation to all the GND layers.
8.
Add as many vias as possible around both the VIN pin and under the VIN plane for heat dissipation to all the VIN layers.
9.
See Figure 42 and Figure 43 for more details.
L
R2
R1
VIN
SW
GND
BST
EN
FB
VOUT
SW
GND
VIN
R1
L
GND
SW
VIN
FB
EN
BST
GND
VOUT
VIN
SW
Figure 42. Recommended PCB Layout, SOT563 (Standard)
Figure 43. Recommended PCB Layout, TSOT26 (Standard)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com