Electronic Components Datasheet Search
  English  ▼

X  

AP62201 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP62201
Description  4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP62201 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP62201 Datasheet HTML 4Page - Diodes Incorporated AP62201 Datasheet HTML 5Page - Diodes Incorporated AP62201 Datasheet HTML 6Page - Diodes Incorporated AP62201 Datasheet HTML 7Page - Diodes Incorporated AP62201 Datasheet HTML 8Page - Diodes Incorporated AP62201 Datasheet HTML 9Page - Diodes Incorporated AP62201 Datasheet HTML 10Page - Diodes Incorporated AP62201 Datasheet HTML 11Page - Diodes Incorporated AP62201 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
AP62200/AP62201/AP62200T
Document number: DS41957 Rev. 4 - 2
8 of 23
www.diodes.com
January 2021
© Diodes Incorporated
AP62200/AP62201/AP62200T
Typical Performance Characteristics (AP62200/AP62200T @ TA = +25°C, VIN = 12V, VOUT = 5V, BOM = Table 1, unless
otherwise specified.)
Figure 14. Efficiency vs. Output Current, VIN = 12V
Figure 15. Line Regulation
Figure 16. Load Regulation
Figure 17. IQ vs. Temperature
Figure 18. fSW vs. Load
Figure 19. Output Voltage Ripple, VOUT = 5V, IOUT = 50mA
50
55
60
65
70
75
80
85
90
95
100
0.001
0.010
0.100
1.000
10.000
IOUT (A)
VOUT = 5V, L = 4.7
μH
VOUT = 3.3V, L = 3.3
μH
3.00
3.25
3.50
3.75
4.00
4.25
4.50
4.75
5.00
5.25
5.50
4
6
8
10
12
14
16
18
20
VIN (V)
IOUT = 1A
IOUT = 0A
IOUT = 2A
4.88
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
IOUT (A)
80
90
100
110
120
130
140
150
160
170
180
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
0
100
200
300
400
500
600
700
800
900
1000
0.001
0.010
0.100
1.000
10.000
IOUT (A)
VOUT (100mV/div)
IL (1A/div)
VSW (10V/div)
10
μs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com