Electronic Components Datasheet Search
  English  ▼

X  

AP62201 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP62201
Description  4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP62201 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP62201 Datasheet HTML 12Page - Diodes Incorporated AP62201 Datasheet HTML 13Page - Diodes Incorporated AP62201 Datasheet HTML 14Page - Diodes Incorporated AP62201 Datasheet HTML 15Page - Diodes Incorporated AP62201 Datasheet HTML 16Page - Diodes Incorporated AP62201 Datasheet HTML 17Page - Diodes Incorporated AP62201 Datasheet HTML 18Page - Diodes Incorporated AP62201 Datasheet HTML 19Page - Diodes Incorporated AP62201 Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
AP62200/AP62201/AP62200T
Document number: DS41957 Rev. 4 - 2
16 of 23
www.diodes.com
January 2021
© Diodes Incorporated
AP62200/AP62201/AP62200T
Application Information (continued)
8
Power Derating Characteristics (continued)
For the SOT563 (Standard) and TSOT26 (Standard) packages, the
θJA is 110°C/W and 70°C/W, respectively. The actual junction temperature
should not exceed the maximum recommended operating junction temperature of +125°C when considering the thermal design. Figure 40 and
Figure 41 show typical derating curves versus ambient temperature.
Figure 40. Output Current Derating Curve vs. Ambient Temperature, SOT563 (Standard) Package, VIN = 12V
Figure 41. Output Current Derating Curve vs. Ambient Temperature, TSOT26 (Standard) Package, VIN = 12V
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
0
20
40
60
80
100
120
140
160
Ambient Temperature (
°C)
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
0
20
40
60
80
100
120
140
160
Ambient Temperature (
°C)
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com