Electronic Components Datasheet Search
  English  ▼

X  

AP62201 Datasheet(PDF) 22 Page - Diodes Incorporated

Part # AP62201
Description  4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP62201 Datasheet(HTML) 22 Page - Diodes Incorporated

Back Button AP62201 Datasheet HTML 15Page - Diodes Incorporated AP62201 Datasheet HTML 16Page - Diodes Incorporated AP62201 Datasheet HTML 17Page - Diodes Incorporated AP62201 Datasheet HTML 18Page - Diodes Incorporated AP62201 Datasheet HTML 19Page - Diodes Incorporated AP62201 Datasheet HTML 20Page - Diodes Incorporated AP62201 Datasheet HTML 21Page - Diodes Incorporated AP62201 Datasheet HTML 22Page - Diodes Incorporated AP62201 Datasheet HTML 23Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
AP62200/AP62201/AP62200T
Document number: DS41957 Rev. 4 - 2
22 of 23
www.diodes.com
January 2021
© Diodes Incorporated
AP62200/AP62201/AP62200T
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT563 (Standard)
Dimensions
Value (in mm)
C
0.500
C1
1.270
G
0.600
X
0.300
X1
1.300
Y
0.670
Y1
1.940
TSOT26 (Standard)
Dimensions
Value (in mm)
C
0.950
X
0.700
Y
1.000
Y1
3.200
Mechanical Data
SOT563 (Standard)
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads, Solderable per MIL-STD-202, Method 208
Weight: 0.003 grams (Approximate)
TSOT26 (Standard)
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads, Solderable per MIL-STD-202, Method 208
Weight: 0.013 grams (Approximate)
Y
Y1
C
G
X1
X
C1
Y1
C
X
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com