Electronic Components Datasheet Search
  English  ▼

X  

AP62201 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP62201
Description  4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP62201 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP62201 Datasheet HTML 2Page - Diodes Incorporated AP62201 Datasheet HTML 3Page - Diodes Incorporated AP62201 Datasheet HTML 4Page - Diodes Incorporated AP62201 Datasheet HTML 5Page - Diodes Incorporated AP62201 Datasheet HTML 6Page - Diodes Incorporated AP62201 Datasheet HTML 7Page - Diodes Incorporated AP62201 Datasheet HTML 8Page - Diodes Incorporated AP62201 Datasheet HTML 9Page - Diodes Incorporated AP62201 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
AP62200/AP62201/AP62200T
Document number: DS41957 Rev. 4 - 2
6 of 23
www.diodes.com
January 2021
© Diodes Incorporated
AP62200/AP62201/AP62200T
Typical Performance Characteristics (AP62200/AP62201/AP62200T @ TA = +25°C, VIN = 12V, VOUT = 5V,
BOM = Table 1, unless otherwise specified.)
Figure 5. Power MOSFET RDS(ON) vs. Temperature
Figure 6. Feedback Voltage vs. Temperature, AP62200/AP62201
Figure 7. Feedback Voltage vs. Temperature, AP62200T
Figure 8. ISHDN vs. Temperature
Figure 9. VIN Power-On Reset and UVLO vs. Temperature
40
50
60
70
80
90
100
110
120
130
140
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
High-Side MOSFET
Low-Side MOSFET
0.790
0.792
0.794
0.796
0.798
0.800
0.802
0.804
0.806
0.808
0.810
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
0.754
0.756
0.758
0.760
0.762
0.764
0.766
0.768
0.770
0.772
0.774
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
3.3
3.6
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
VIN Rising POR
VIN Falling UVLO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com