Electronic Components Datasheet Search
  English  ▼

X  

STGWA75H65DFB2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGWA75H65DFB2
Description  Trench gate field-stop, 650 V, 75 A, high-speed HB2 series IGBT in a TO‑247 long leads package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA75H65DFB2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGWA75H65DFB2 Datasheet HTML 2Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 3Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 4Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 5Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 6Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 7Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 8Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 9Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Figure 7. Collector current vs switching frequency
GADG090120201146CCS
120
100
80
60
40
20
0
10 0
10 1
10 2
IC
(A)
f (kHz)
Rectangular current shape
(duty cycle = 0.5, VCC = 400 V, RG = 2.2 Ω
VGE = 0/15 V, TJ = 175
℃
TC = 80 °C
TC = 100 °C
Figure 8. Forward bias safe operating area
GADG090120201142FSOA
10 2
10 1
10 0
10 0
10 1
10 2
IC
(A)
VCE (V)
μs
tp= 1
Figure 9. Transfer characteristics
GADG090120201147TCH
180
160
140
120
100
80
60
40
20
0
4
6
8
10
IC
(A)
VGE (V)
VCE = 6 V
TJ = 175 °C
TJ = 25 °C
Figure 10. Diode VF vs forward current
GADG130220201344RCC
2.8
2.4
2.0
1.6
1.2
0.8
25
50
75 100 125 150 175 200
Vf
(V)
If (A)
TJ = -40°C
TJ = 25°C
TJ = 175°C
Figure 11. Normalized VGE(th) vs junction temperature
IGBT090420181403NVGE
1.1
1.0
0.9
0.8
0.7
0.6
-50
0
50
100
150
VGE(th)
(norm.)
TJ (°C)
VCE = VGE
IC = 1 mA
Figure 12. Normalized V(BR)CES vs junction temperature
IGBT090420181404NVBR
1.08
1.04
1.00
0.96
0.92
-50
0
50
100
150
V(BR)CES
(norm.)
TJ (°C)
IC = 1 mA
STGWA75H65DFB2
Electrical characteristics (curves)
DS13215 - Rev 2
page 6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com