Electronic Components Datasheet Search
  English  ▼

X  

STGWA75H65DFB2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGWA75H65DFB2
Description  Trench gate field-stop, 650 V, 75 A, high-speed HB2 series IGBT in a TO‑247 long leads package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA75H65DFB2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGWA75H65DFB2 Datasheet HTML 4Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 5Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 6Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 7Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 8Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 9Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 10Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 11Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Figure 19. Switching times vs collector current
IGBT100120201014STC
10 2
10 1
10 0
0
20
40
60
80
100
t
(ns)
IC (A)
2
2
td(off)
tf
td(on)
tr
Figure 20. Switching times vs gate resistance
GADG150120200938STR
10 2
10 1
10 0
0
5
10
15
20
t
(ns)
RG (Ω)
td(off)
tf
td(on)
tr
Figure 21. Reverse recovery current vs diode current
slope
GADG090120201200RRC
80
70
60
50
40
30
20
0
500 1000 1500 2000 2500 3000
Irrm
(A)
di/dt (A/µs)
VCC = 400 V, VGE = 15 V, IF = 75 A, TJ = 175 °C
Figure 22. Reverse recovery time vs diode current slope
GADG090120201200RRT
240
220
200
180
160
140
0
500 1000 1500 2000 2500 3000
trr
(ns)
VCC = 400 V, VGE = 15 V, IF = 75 A, TJ = 175 °C
di/dt (A/µs)
Figure 23. Reverse recovery charge vs diode current
slope
GADG090120201201RRQ
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
0
500 1000 1500 2000 2500 3000
VCC = 400 V, VGE = 15 V, IF = 75 A, TJ = 175 °C
di/dt (A/µs)
Qrr
(μC)
Figure 24. Reverse recovery energy vs diode current
slope
GADG090120201202RRE
1.5
1.2
0.9
0.6
0.3
0.0
0
500 1000 1500 2000 2500 3000
Err
(mJ)
STGWA75H65DFB2
Electrical characteristics (curves)
DS13215 - Rev 2
page 8/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com