Electronic Components Datasheet Search
  English  ▼

X  

STGWA75H65DFB2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGWA75H65DFB2
Description  Trench gate field-stop, 650 V, 75 A, high-speed HB2 series IGBT in a TO‑247 long leads package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA75H65DFB2 Datasheet(HTML) 1 Page - STMicroelectronics

  STGWA75H65DFB2 Datasheet HTML 1Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 2Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 3Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 4Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 5Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 6Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 7Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 8Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
C(2, TAB)
E(3)
NG1E3C2T
G(1)
Features
•
Maximum junction temperature: TJ = 175 °C
•
Low VCE(sat) = 1.55 V(typ.) @ IC = 75 A
•
Very fast and soft recovery co-packaged diode
•
Minimized tail current
•
Tight parameter distribution
•
Low thermal resistance
•
Positive VCE(sat) temperature coefficient
Applications
•
Welding
•
Power factor correction
•
UPS
•
Solar inverters
•
Chargers
Description
The newest IGBT 650 V HB2 series represents an evolution of the advanced
proprietary trench gate field-stop structure. The performance of the HB2 series is
optimized in terms of conduction, thanks to a better VCE(sat) behavior at low current
values, as well as in terms of reduced switching energy. A very fast soft recovery
diode is co-packaged in antiparallel with the IGBT. The result is a product specifically
designed to maximize efficiency for a wide range of fast applications.
Product status link
STGWA75H65DFB2
Product summary
Order code
STGWA75H65DFB2
Marking
G75H65DFB2
Package
TO-247 long leads
Packing
Tube
Trench gate field-stop, 650 V, 75 A, high-speed HB2 series IGBT
in a TO
‑247 long leads package
STGWA75H65DFB2
Datasheet
DS13215 - Rev 2 - February 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STGWA75H65DFB2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGWA75M65DF2 STMICROELECTRONICS-STGWA75M65DF2 Datasheet
1,005Kb / 17P
Trench gate field-stop IGBT, M series 650 V, 75 A low loss
15-Jun-2016
More results

Similar Description - STGWA75H65DFB2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB50H65FB2 STMICROELECTRONICS-STGB50H65FB2 Datasheet
450Kb / 16P
Trench gate field-stop, 650 V, 50 A, high-speed HB2 series IGBT in a D²PAK package
21-May-2020
STGWA20HP65FB2 STMICROELECTRONICS-STGWA20HP65FB2 Datasheet
373Kb / 15P
Trench gate field-stop, 650 V, 20 A, high-speed HB2 series IGBT in a TO‑247 long leads package
11-May-2020
STGWA30H65DFB2 STMICROELECTRONICS-STGWA30H65DFB2 Datasheet
513Kb / 15P
Trench gate field-stop, 650 V, 30 A, high-speed HB2 series IGBT in a TO-247 long leads package
13-Feb-2020
STGWA40H60DLFB STMICROELECTRONICS-STGWA40H60DLFB Datasheet
871Kb / 15P
Trench gate field-stop IGBT, HB series 600 V, 40 A high speed in a TO-247 long leads package
03-Mar-2017
STGWA40HP65FB2 STMICROELECTRONICS-STGWA40HP65FB2 Datasheet
516Kb / 16P
Trench gate field-stop, 650 V, 40 A, high-speed HB2 series IGBT in a TO-247 long leads package
24-Jul-2019
STGWA40IH65DF STMICROELECTRONICS-STGWA40IH65DF Datasheet
346Kb / 15P
Trench gate field-stop 650 V, 40 A, soft-switching IH series IGBT in a TO‑247 long leads package
24-Sep-2018
STGWA50HP65FB2 STMICROELECTRONICS-STGWA50HP65FB2 Datasheet
542Kb / 15P
Trench gate field-stop, 650 V, 50 A, high-speed HB2 series IGBT in a TO-247 long leads package
05-Dec-2019
STGWA50IH65DF STMICROELECTRONICS-STGWA50IH65DF Datasheet
313Kb / 14P
Trench gate field-stop 650 V, 50 A, soft switching IH series IGBT in a TO-247 long leads package
15-Apr-2020
STGWA80H65DFBAG STMICROELECTRONICS-STGWA80H65DFBAG Datasheet
280Kb / 14P
Automotive-grade trench gate field-stop 650 V, 80 A high speed HB series IGBT in a TO-247 long leads
06-Dec-2022
STGWA80H65FBAG STMICROELECTRONICS-STGWA80H65FBAG Datasheet
257Kb / 12P
Automotive-grade trench gate field-stop 650 V, 80 A high speed HB series IGBT in a TO-247 long leads
16-Feb-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com