Electronic Components Datasheet Search
  English  ▼

X  

STGWA75H65DFB2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGWA75H65DFB2
Description  Trench gate field-stop, 650 V, 75 A, high-speed HB2 series IGBT in a TO‑247 long leads package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA75H65DFB2 Datasheet(HTML) 4 Page - STMicroelectronics

  STGWA75H65DFB2 Datasheet HTML 1Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 2Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 3Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 4Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 5Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 6Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 7Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 8Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Table 5. Switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VCC = 400 V, IC = 75 A,
VGE = 15 V, RG = 2.2 Ω
(see Figure 27. Test circuit for
inductive load switching)
-
28
-
ns
tr
Current rise time
-
16
-
ns
Eon (1)
Turn-on switching energy
-
1428
-
μJ
td(off)
Turn-off delay time
-
100
-
ns
tf
Current fall time
-
36
-
ns
Eoff (2)
Turn-off switching energy
-
1050
-
µJ
td(on)
Turn-on delay time
VCC = 400 V, IC = 75 A,
VGE = 15 V, RG = 2.2 Ω,
TJ = 175 °C
(see Figure 27. Test circuit for
inductive load switching)
-
27
-
ns
tr
Current rise time
-
17
-
ns
Eon(1)
Turn-on switching energy
-
3090
-
μJ
td(off)
Turn-off delay time
-
123
-
ns
tf
Current fall time
-
87
-
ns
Eoff (2)
Turn-off switching energy
-
1770
-
µJ
1. Including the reverse recovery of the diode.
2. Including the tail of the collector current.
Table 6. Diode switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
IF = 75 A, VR = 400 V,
VGE = 15 V, di/dt = 1000 A/µs
(see Figure 30. Diode reverse
recovery waveform)
-
88
-
ns
Qrr
Reverse recovery charge
-
923
-
nC
Irrm
Reverse recovery current
-
26
-
A
dIrr/dt
Peak rate of fall of reverse
recovery current during tb
-
1166
-
A/µs
Err
Reverse recovery energy
-
144
-
µJ
trr
Reverse recovery time
IF = 75 A, VR = 400 V,
VGE = 15 V, di/dt = 1000 A/µs,
TJ = 175 °C
(see Figure 30. Diode reverse
recovery waveform)
-
162
-
ns
Qrr
Reverse recovery charge
-
5431
-
nC
Irrm
Reverse recovery current
-
60
-
A
dIrr/dt
Peak rate of fall of reverse
recovery current during tb
-
800
-
A/µs
Err
Reverse recovery energy
-
1064
-
µJ
STGWA75H65DFB2
Electrical characteristics
DS13215 - Rev 2
page 4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com