Electronic Components Datasheet Search
  English  ▼

X  

STGWA75H65DFB2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGWA75H65DFB2
Description  Trench gate field-stop, 650 V, 75 A, high-speed HB2 series IGBT in a TO‑247 long leads package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA75H65DFB2 Datasheet(HTML) 3 Page - STMicroelectronics

  STGWA75H65DFB2 Datasheet HTML 1Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 2Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 3Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 4Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 5Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 6Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 7Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 8Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2
Electrical characteristics
TC = 25 °C unless otherwise specified
Table 3. Static characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter breakdown
voltage
VGE = 0 V, IC = 1 mA
650
V
VCE(sat)
Collector-emitter saturation
voltage
VGE = 15 V, IC = 75 A
1.55
2
V
VGE = 15 V, IC = 75 A,
TJ = 125 °C
1.8
VGE = 15 V, IC = 75 A,
TJ = 175 °C
1.9
VF
Forward on-voltage
IF = 75 A
1.8
2.3
V
IF = 75 A, TJ = 125 °C
1.45
IF = 75 A, TJ = 175 °C
1.35
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 1 mA
5
6
7
V
ICES
Collector cut-off current
VGE = 0 V, VCE = 650 V
25
µA
IGES
Gate-emitter leakage current
VCE = 0 V, VGE = ±20 V
±250
nA
Table 4. Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Input capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0 V
-
4357
-
pF
Coes
Output capacitance
-
264
-
Cres
Reverse transfer capacitance
-
117
-
Qg
Total gate charge
VCC = 520 V, IC = 75 A,
VGE = 0 to 15 V
(see Figure 28. Gate charge test
circuit)
-
207
-
nC
Qge
Gate-emitter charge
-
40
-
Qgc
Gate-collector charge
-
85
-
STGWA75H65DFB2
Electrical characteristics
DS13215 - Rev 2
page 3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com