Electronic Components Datasheet Search
  English  ▼

X  

STGWA75H65DFB2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGWA75H65DFB2
Description  Trench gate field-stop, 650 V, 75 A, high-speed HB2 series IGBT in a TO‑247 long leads package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA75H65DFB2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGWA75H65DFB2 Datasheet HTML 3Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 4Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 5Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 6Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 7Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 8Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 9Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 10Page - STMicroelectronics STGWA75H65DFB2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Figure 13. Capacitance variations
GADG090120201149CVR
10 3
10 2
10 1
10 -1
10 0
10 1
10 2
C
(pF)
VCE (V)
Cies
Coes
Cres
f = 1 MHz
Figure 14. Gate charge vs gate-emitter voltage
GADG090120201150GCGE
15
12
9
6
3
0
0
40
80
120
160
200
VGE
(V)
Qg (nC)
VCC = 520 V, IC = 75 A, IG = 12 mA
Figure 15. Switching energy vs collector current
GADG090120201151SLC
10
8
6
4
2
0
0
20
40
60
80 100 120 140
E
(mJ)
IC (A)
VCC = 400 V, RG = 2.2 Ω, VGE = 15 V, TJ = 175 °C
Etot
Eon
Eoff
Figure 16. Switching energy vs temperature
GADG090120201152SLT
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
50
100
150
E
(mJ)
TJ (°C)
Etot
Eon
Eoff
VCC = 400 V, IC = 75 A, Rg = 2.2 Ω, VGE = 15 V
Figure 17. Switching energy vs collector emitter voltage
GADG090120201154SLV
6
5
4
3
2
1
0
150
250
350
450
E
(mJ)
VCE (V)
Eoff
Eon
IC = 75 A, RG = 2.2 Ω, VGE = 15 V, TJ = 175 °C
Etot
Figure 18. Switching energy vs gate resistance
GADG090120201154SLG
6
5
4
3
2
1
0
5
10
15
20
E
(mJ)
RG (Ω)
Eoff
Eon
IC = 75 A, VCC = 400 V, VGE = 15 V, TJ = 175 °C
Etot
STGWA75H65DFB2
Electrical characteristics (curves)
DS13215 - Rev 2
page 7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com