Electronic Components Datasheet Search
  English  ▼

X  

AX88195P Datasheet(PDF) 10 Page - ASIX Electronics Corporation

Part # AX88195P
Description  10/100BASE Local CPU Bus Fast Ethernet MAC Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88195P Datasheet(HTML) 10 Page - ASIX Electronics Corporation

Back Button AX88195P Datasheet HTML 6Page - ASIX Electronics Corporation AX88195P Datasheet HTML 7Page - ASIX Electronics Corporation AX88195P Datasheet HTML 8Page - ASIX Electronics Corporation AX88195P Datasheet HTML 9Page - ASIX Electronics Corporation AX88195P Datasheet HTML 10Page - ASIX Electronics Corporation AX88195P Datasheet HTML 11Page - ASIX Electronics Corporation AX88195P Datasheet HTML 12Page - ASIX Electronics Corporation AX88195P Datasheet HTML 13Page - ASIX Electronics Corporation AX88195P Datasheet HTML 14Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
ASIX ELECTRONICS CORPORATION
10
AX88195 Local CPU Bus Fast Ethernet MAC Controller
2.0 Signal Description
The following terms describe the AX88195 pin-out:
All pin names with the “/” suffix are asserted low.
The following abbreviations are used in following Tables.
I
Input
PU
Pull Up
O
Output
PD
Pull Down
I/O
Input/Output
P
Power Pin
OD
Open Drain
2.1 Local CPU Bus Interface Signals Group
SIGNAL
TYPE
PIN NO.
DESCRIPTION
SAL[2:0]
I/PD
113 – 111
System Address Select Low : Signals SAL[2:0] are additional address
signal input lines which active low enable higher I/O address decoder
on chip.
SAH[2:0]
I/PU
116 – 114
System Address Select High : Signals SAH[2:0] are additional
address signal input lines which active high enable higher I/O
address decoder on chip.
SAX[3:0]
I/PU
122 – 121
118 – 117
System Address Select Low/High : Signals SAX[3:0] are additional
address signal input lines which active low/high depend on power on
setting to enable higher I/O address decoder on chip.
SA[9:1],
SA[0]/UDS
I
10 – 1
System Address : Signals SA[9:0] are address bus input lines which
lower I/O spaces on chip. SA[0] also means Upper Data Strobe
(/UDS) active low signal in 68K application mode.
/BHE
or
/LDS
I
18
Bus High Enable or Lower Data Strobe : Bus High Enable is active
low signal in some 16 bit application mode which enable high bus
(SD[15:8]) active. The signal also name as Lower Data Strobe (/LDS)
for 68K application mode.
SD[15:0]
I/O
20 – 23,
25 – 28,
30 – 33,
35 – 38
System Data Bus : Signals SD[15:0] constitute the bi-directional
data bus.
IREQ/IREQ
O
12
Interrupt Request : When ISA BUS or 80186 CPU mode is select.
IREQ is asserted high to indicate the host system that the chip
requires host software service. When MC68K or MCS-51 CPU
mode is select. /IREQ is asserted low to indicate the host system that
the chip requires host software service.
RDY/DTACK
OD
125
Ready : This signal is set low to insert wait states during Remote
DMA transfer.
/Dtack : When Motorola CPU type is select, the pin is active low
inform CPU that data is accepted.
/CS
I
123
Chip Select
When the /CS signal is asserted, the chip is selected.
/IORD
I
15
I/O Read :The host asserts /IORD to read data from AX88195 I/O
space. When Motorola CPU type is select , the pin is useless.
/IOWR
or
R/W
I
14
I/O Write :The host asserts /IOWR to write data into AX88195 I/O
space. When Motorola CPU type is select, the pin is active high for
read operation at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com