Electronic Components Datasheet Search
  English  ▼

X  

AX88195P Datasheet(PDF) 4 Page - ASIX Electronics Corporation

Part # AX88195P
Description  10/100BASE Local CPU Bus Fast Ethernet MAC Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88195P Datasheet(HTML) 4 Page - ASIX Electronics Corporation

  AX88195P Datasheet HTML 1Page - ASIX Electronics Corporation AX88195P Datasheet HTML 2Page - ASIX Electronics Corporation AX88195P Datasheet HTML 3Page - ASIX Electronics Corporation AX88195P Datasheet HTML 4Page - ASIX Electronics Corporation AX88195P Datasheet HTML 5Page - ASIX Electronics Corporation AX88195P Datasheet HTML 6Page - ASIX Electronics Corporation AX88195P Datasheet HTML 7Page - ASIX Electronics Corporation AX88195P Datasheet HTML 8Page - ASIX Electronics Corporation AX88195P Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
ASIX ELECTRONICS CORPORATION
4
AX88195 Local CPU Bus Fast Ethernet MAC Controller
1.0 Introduction
1.1 General Description:
The AX88195 provides industrial standard NE2000 registers level compatable instruction set. Various drivers
are easy acquired, maintenance and usage. No much additional effort to be paid. Software is easily port to
various embedded system with no pain and tears
The AX88195 Fast Ethernet Controller is a high performance local CPU bus Ethernet Controller. The AX88195
supports both 8 bit and 16 bit local CPU interfaces include MCS-51 series, 80x86 series, MC68K series CPU
and ISA bus. The AX88196 implements both 10Mbps and 100Mbps Ethernet function based on IEEE802.3 /
IEEE802.3u LAN standard and supports both 10Mbps/100Mbps media-independent interface (MII) to simplify
the design.
AX88195 use 128-pin LQFP low profile package, 25MHz operation, dual 5V and 3.3V CMOS process with 5V
I/O tolerance or pure 3.3V operation.
1.2 AX88195 Block Diagram:
Fig - 1 AX88195 Block Diagram
MAC
Core
SRAM
Arbiter
Remote
DMA
FIFOs
NE2000
Registers
Host Interface
STA
SEEPROM
I/F
SD[15:0]
SA[9:0]
Ctl BUS
MII I/F
MEMD[15:0]
MEMA[15:1]
EECS
EECK
EEDI
EEDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com