Electronic Components Datasheet Search
  English  ▼

X  

AX88195P Datasheet(PDF) 14 Page - ASIX Electronics Corporation

Part # AX88195P
Description  10/100BASE Local CPU Bus Fast Ethernet MAC Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88195P Datasheet(HTML) 14 Page - ASIX Electronics Corporation

Back Button AX88195P Datasheet HTML 10Page - ASIX Electronics Corporation AX88195P Datasheet HTML 11Page - ASIX Electronics Corporation AX88195P Datasheet HTML 12Page - ASIX Electronics Corporation AX88195P Datasheet HTML 13Page - ASIX Electronics Corporation AX88195P Datasheet HTML 14Page - ASIX Electronics Corporation AX88195P Datasheet HTML 15Page - ASIX Electronics Corporation AX88195P Datasheet HTML 16Page - ASIX Electronics Corporation AX88195P Datasheet HTML 17Page - ASIX Electronics Corporation AX88195P Datasheet HTML 18Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
ASIX ELECTRONICS CORPORATION
14
AX88195 Local CPU Bus Fast Ethernet MAC Controller
3.0 Memory and I/O Mapping
There are four memory or I/O mapping used in AX88195.
1.
EEPROM Memory Mapping
2.
I/O Mapping
3.
Local Memory Mapping
3.1 EEPROM Memory Mapping
User can define by themselves and can access via I/O address offset 14H MII/EEPROM registers
3.2 I/O Mapping
SYSTEM I/O OFFSET
FUNCTION
0000H
001FH
MAC CORE REGISTER
Tab - 7 I/O Address Mapping
3.3 SRAM Memory Mapping
OFFSET
FUNCTION
4000H
7FFF
NE2000 COMPATABLE MODE
8K X 16 SRAM BUFFER
0000H
FFFFH
EXTENSION MODE
32K X 16 SRAM BUFFER
Tab - 8 Local Memory Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com