Electronic Components Datasheet Search
  English  ▼

X  

AX88195P Datasheet(PDF) 36 Page - ASIX Electronics Corporation

Part # AX88195P
Description  10/100BASE Local CPU Bus Fast Ethernet MAC Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88195P Datasheet(HTML) 36 Page - ASIX Electronics Corporation

Back Button AX88195P Datasheet HTML 29Page - ASIX Electronics Corporation AX88195P Datasheet HTML 30Page - ASIX Electronics Corporation AX88195P Datasheet HTML 31Page - ASIX Electronics Corporation AX88195P Datasheet HTML 32Page - ASIX Electronics Corporation AX88195P Datasheet HTML 33Page - ASIX Electronics Corporation AX88195P Datasheet HTML 34Page - ASIX Electronics Corporation AX88195P Datasheet HTML 35Page - ASIX Electronics Corporation AX88195P Datasheet HTML 36Page - ASIX Electronics Corporation AX88195P Datasheet HTML 37Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
ASIX ELECTRONICS CORPORATION
36
AX88195 Local CPU Bus Fast Ethernet MAC Controller
Appendix C: Application Note for RDY is not applicable
This application note is for some kind of CPU that doesn’t support asynchronous wait state insertion function.
For example, 8051 CPU series have only fix access cycle time. For some application that the CPU has the
capability of wait state insertion, but the designer do not want to use the handshake signal in order to simply the
design. This application note is helpful for those cases.
The following criteria must be meet:
1. The bus access timing must meet the AC timing specification.
2. The “remote DMA” move data from/to data port access time can’t faster than 120ns.
Solution:
Because of the access time from FIFO to Packet Buffer RAM or from Packet Buffer RAM to FIFO is
120ns/Word. The “remote DMA read” operation is the only case that RDY signal will be active to request some
wait state to pre-fetch data from RAM into FIFO. As soon as the first word of data feed into the FIFO, the RDY
will not active again for the lasting cycle. For the critical time, just insert “No Operation” instruction (to insert
wait state using software) after write remote DMA read command and before read data port.
Ex : IOBASE=300 ; Insert wait state by software.
Mov dx,308h
; Index = 308h
Mov al,0h
;
Out dx,al
; Set Remote Start Address low byte = 0
Inc
dx
; Index = 309h
Mov al,4dh
;
Out dx,al
; Set Remote Start Address high byte = 4d
Inc
dx
; Index = 30Ah
Mov al,40h
;
Out dx,al
; Set Remote DMA Byte Count low byte = 40h
Inc
dx
; Index = 30Bh
Mov al,40h
;
Out dx,al
; Set Remote DMA Byte Count high byte = 00h
Mov dx,300h
; Index = 300h
Mov al,0ah
;
Out dx,al
; Set remote DMA read command
Nop
; Insert wait state here
Nop
; Insert more wait states again if necessary
Mov dx,310h
; Index = 310h
Lea
di, RxBuffer
; Set Rx Buffer Address
Mov cx, RxLen
; Set Rx Length
Rep insw
; Read data port
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com