Electronic Components Datasheet Search
  English  ▼

X  

AX88195P Datasheet(PDF) 12 Page - ASIX Electronics Corporation

Part # AX88195P
Description  10/100BASE Local CPU Bus Fast Ethernet MAC Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88195P Datasheet(HTML) 12 Page - ASIX Electronics Corporation

Back Button AX88195P Datasheet HTML 8Page - ASIX Electronics Corporation AX88195P Datasheet HTML 9Page - ASIX Electronics Corporation AX88195P Datasheet HTML 10Page - ASIX Electronics Corporation AX88195P Datasheet HTML 11Page - ASIX Electronics Corporation AX88195P Datasheet HTML 12Page - ASIX Electronics Corporation AX88195P Datasheet HTML 13Page - ASIX Electronics Corporation AX88195P Datasheet HTML 14Page - ASIX Electronics Corporation AX88195P Datasheet HTML 15Page - ASIX Electronics Corporation AX88195P Datasheet HTML 16Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
ASIX ELECTRONICS CORPORATION
12
AX88195 Local CPU Bus Fast Ethernet MAC Controller
2.3 EEPROM Signals Group
SIGNAL
TYPE
PIN NO.
DESCRIPTION
EECS
O
106
EEPROM Chip Select : EEPROM chip select signal.
EECK
O
107
EEPROM Clock : Signal connected to EEPROM clock pin.
EEDI
O
108
EEPROM Data In : Signal connected to EEPROM data input pin.
EEDO
I/PU
109
EEPROM Data Out : Signal connected to EEPROM data output pin.
Tab - 3 EEPROM bus interface signals group
2.4 SRAM Interface pins group
SIGNAL
TYPE
PIN NO.
DESCRIPTION
MEMA[15:1]
O
43, 45 – 48,
50 –53’
55 – 58,
60 – 61
SRAM Address :
MEMD[15:0]
I/O/PU
62 – 63,
65 – 68,
70 – 74,
76 – 80
SRAM Data :
/MEMRD
O
42
SRAM Read
/MEMWR
O
41
SRAM Write
Tab - 4 SRAM Interface pins group
2.5 Miscellaneous pins group
SIGNAL
TYPE
PIN NO.
DESCRIPTION
LCLK/XTALIN
I
103
CMOS Local Clock : A 25Mhz clock, +/- 100 ppm, 40%-60% duty
cycle.
Crystal Oscillator Input : A 25Mhz crystal, +/- 25 ppm can be
connected across XTALIN and XTALOUT.
XTALOUT
O
104
Crystal Oscillator Output : A 25Mhz crystal, +/- 25 ppm can be
connected across XTALIN and XTALOUT. If a single-ended external
clock (LCLK) is connected to XTALIN, the crystal output pin should
be left floating.
CLKO25M
O
101
Clock Output 25MHz : This clock is source from LCLK/XTALIN.
RESET
I/PD
127
Reset
Reset is active high then place AX88195 into reset mode immediately.
During Falling edge the AX88195 loads the power on setting data.
User can select either RESET or /RESET for applications.
/RESET
I/PU
126
/Reset
Reset is active low then place AX88195 into reset mode immediately.
During rising edge the AX88195 loads the power on setting data.
User can select either RESET or /RESET for applications.
NC
N/A
13, 16, 17,
39
No Connection : for manufacturing test only.
LVDD
P
44, 54,
100, 110,
128
Power Supply : +3.3V DC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com