Electronic Components Datasheet Search
  English  ▼

X  

AX88195P Datasheet(PDF) 32 Page - ASIX Electronics Corporation

Part # AX88195P
Description  10/100BASE Local CPU Bus Fast Ethernet MAC Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88195P Datasheet(HTML) 32 Page - ASIX Electronics Corporation

Back Button AX88195P Datasheet HTML 28Page - ASIX Electronics Corporation AX88195P Datasheet HTML 29Page - ASIX Electronics Corporation AX88195P Datasheet HTML 30Page - ASIX Electronics Corporation AX88195P Datasheet HTML 31Page - ASIX Electronics Corporation AX88195P Datasheet HTML 32Page - ASIX Electronics Corporation AX88195P Datasheet HTML 33Page - ASIX Electronics Corporation AX88195P Datasheet HTML 34Page - ASIX Electronics Corporation AX88195P Datasheet HTML 35Page - ASIX Electronics Corporation AX88195P Datasheet HTML 36Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
ASIX ELECTRONICS CORPORATION
32
AX88195 Local CPU Bus Fast Ethernet MAC Controller
Appendix A: Application Note 1
A.1 Using Crystal
AX88195
To PHY
CLKO25M
XTALIN
XTALOUT
25MHz
Crystal
8pf
2Mohm
8pf
Note : The capacitors (8pf) may be various depend on the specification of crystal. While designing, please
refer to the suggest circuit provided by crystal supplier.
A.2 Using Oscillator
AX88195
To PHY
CLKO25M
XTALIN
XTALOUT
NC
3.3V Power OSC 25MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com