Electronic Components Datasheet Search
  English  ▼

X  

ACS120 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ACS120
Description  Overvoltage protected AC switch (ACS)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS120 Datasheet(HTML) 5 Page - STMicroelectronics

  ACS120 Datasheet HTML 1Page - STMicroelectronics ACS120 Datasheet HTML 2Page - STMicroelectronics ACS120 Datasheet HTML 3Page - STMicroelectronics ACS120 Datasheet HTML 4Page - STMicroelectronics ACS120 Datasheet HTML 5Page - STMicroelectronics ACS120 Datasheet HTML 6Page - STMicroelectronics ACS120 Datasheet HTML 7Page - STMicroelectronics ACS120 Datasheet HTML 8Page - STMicroelectronics ACS120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DS3279 Rev 5
5/17
ACS120
Characteristics
17
Figure 8. Relative variation of critical rate of
decrease of main current versus reapplied
dV/dt (typical values)
Figure 9. Relative variation of critical rate of
decrease of main current versus junction
temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
5
10
15
20
25
30
35
40
45
50
(dV/dt)c(V/μs)
(dl/dt)c [ (dV/dt)c ] / specified (dl/dt)c
0
2
4
6
8
10
12
14
16
18
20
25
50
75
100
125
T
j
(°C)
(dl/dt)c [ Tj ] / (dl/dt)c [ Tj = 125 °C]
Figure 10. Surge peak on-state current versus
number of cycles
Figure 11. Non repetitive surge peak on-state
current for a sinusoidal pulse with
width tp < 10 ms
0
2
4
6
8
10
12
14
16
18
20
22
1
10
100
1000
Non repetitive initial T
j
= 25 °C
Number of cycles
ITSM(A)
Repetitive T
c
= 117 °C
One cycle
t=20ms
TO-220FPAB
1
10
100
1000
0.01
0.10
1.00
10.00
T
j
initial = 25 °C
I
TSM
ITSM(A)
t
p
(ms)
dl/dt limitation = 50 A/μs
Figure 12. On-state characteristics
(maximum values)
Figure 13. Thermal resistance junction to
ambient versus copper surface under tab
0.01
0.10
1.00
10.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V
(V)
TM
Tj = 25 °C
Tj = 125 °C
ITM(A)
Tj max:
Vto = 0.85 V
Rd
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
DPAK
S(cm²)
Rth
(°C/W)
(j-a)
Printed circuit board FR4,
copper thickness = 35 μm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com