Electronic Components Datasheet Search
  English  ▼

X  

ACS120 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ACS120
Description  Overvoltage protected AC switch (ACS)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS120 Datasheet(HTML) 4 Page - STMicroelectronics

  ACS120 Datasheet HTML 1Page - STMicroelectronics ACS120 Datasheet HTML 2Page - STMicroelectronics ACS120 Datasheet HTML 3Page - STMicroelectronics ACS120 Datasheet HTML 4Page - STMicroelectronics ACS120 Datasheet HTML 5Page - STMicroelectronics ACS120 Datasheet HTML 6Page - STMicroelectronics ACS120 Datasheet HTML 7Page - STMicroelectronics ACS120 Datasheet HTML 8Page - STMicroelectronics ACS120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Characteristics
ACS120
4/17
DS3279 Rev 5
Figure 2. Maximum power dissipation versus
RMS on-state current
Figure 3. On-state RMS current versus case
temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I
T(RMS)
(A)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0
25
50
75
100
125
I
T(RMS)
(A)
T
c
TO-220AB/DPAK
TO-220FPAB
Figure 4. On-state RMS current versus ambient
temperature
Figure 5. Relative variation of thermal
impedance versus pulse duration
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
25
50
75
100
125
I
T
1.E-02
1.E-01
1.E+00
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Zth(j-c)
K = [Zth/Rth]
t
p
(s)
Zth(j-a)
DPAK
DPAK
TO-220FPAB
TO-220AB
TO-220AB
TO-220FPAB
Figure 6. Relative variation of gate trigger,
holding and latching current versus junction
temperature
Figure 7. Relative variation of static dV/dt
versus junction temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-40 -30 -20 -10 0
10203040 5060708090 100 110 120 130
I
GT
T
j
(°C)
IGT, IH, IL [ Tj ] / IGT, IH, IL [ Tj = 25 °C]
I
L
/ I
H
0
1
2
3
4
5
6
7
8
25
50
75
100
125
T
j
(°C)
dV/dt [ Tj ] / dV/dt [ Tj = 125 °C]
VOUT = 460 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com