Electronic Components Datasheet Search
  English  ▼

X  

ACS120 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ACS120
Description  Overvoltage protected AC switch (ACS)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS120 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ACS120 Datasheet HTML 4Page - STMicroelectronics ACS120 Datasheet HTML 5Page - STMicroelectronics ACS120 Datasheet HTML 6Page - STMicroelectronics ACS120 Datasheet HTML 7Page - STMicroelectronics ACS120 Datasheet HTML 8Page - STMicroelectronics ACS120 Datasheet HTML 9Page - STMicroelectronics ACS120 Datasheet HTML 10Page - STMicroelectronics ACS120 Datasheet HTML 11Page - STMicroelectronics ACS120 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AC line switch basic application
ACS120
8/17
DS3279 Rev 5
2.3
Alternating current mains transient voltage ruggedness
The ACS120 switch is able to withstand safely the AC mains transients either by clamping
the low energy spikes or by breaking-over when subjected to high energy shocks, even with
high turn-on current rises. The test circuit shown in Figure 17 is representative of the final
ACS120 application, and is also used to test the AC switch according to the IEC 61000-4-5
standard conditions. Thanks to the load limiting the current, the ACS120 switch withstands
the voltage spikes up to 2 kV above the peak mains voltage. The protection is based on an
overvoltage crowbar technology. Actually, the ACS120 breaks over safely as shown in
Figure 18
. The ACS120 recovers its blocking voltage capability after the surge (switch-off
back at the next zero crossing of the current). Such non-repetitive tests can be done 10
times on each AC mains voltage polarity.
Figure 17. Overvoltage ruggedness test circuit for resistive and inductive loads
Figure 18. Current and voltage of the ACS120 during IEC 61000-4-5 standard test with
R, L and VPP
OUT
COM
GATE
Filtering unit
Rgenerator
Model of the load
L = 10 μH
Surge generator = 2 KV
Cc
200 μs
IT (3 A/div)
VT (200 V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com