Electronic Components Datasheet Search
  English  ▼

X  

ACS120 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ACS120
Description  Overvoltage protected AC switch (ACS)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS120 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ACS120 Datasheet HTML 3Page - STMicroelectronics ACS120 Datasheet HTML 4Page - STMicroelectronics ACS120 Datasheet HTML 5Page - STMicroelectronics ACS120 Datasheet HTML 6Page - STMicroelectronics ACS120 Datasheet HTML 7Page - STMicroelectronics ACS120 Datasheet HTML 8Page - STMicroelectronics ACS120 Datasheet HTML 9Page - STMicroelectronics ACS120 Datasheet HTML 10Page - STMicroelectronics ACS120 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DS3279 Rev 5
7/17
ACS120
AC line switch basic application
17
2.2
High inductive load switch-off: turn-off overvoltage clamping
With high inductive and low RMS current loads the rate of decrease of the current is very
low. An overvoltage can occur when the gate current is removed and the OUT current is
lower than IH.
As shown in Figure 15 and Figure 16, at the end of the last conduction half-cycle, the load
current decreases (1). The load current reaches the holding current level IH (2), and the
ACS turns off (3). The water valve, as an inductive load (up to 15 H), reacts as a current
generator and an overvoltage is created, which is clamped by the ACS (4). The current
flows through the ACS avalanche and decreases linearly to zero. During this time, the
voltage across the switch is limited to the clamping voltage VCL. The energy stored in the
inductance of the load is dissipated in the clamping section that is designed for this purpose.
When the energy has been dissipated, the ACS voltage falls back to the mains voltage
value (230 V rms, 50 Hz) (5).
Note:
Same working principle described in item 2.2 is valid for both current directions.
Figure 15. Turn-off operation of the ACS120
switch with an electro-valve
Figure 16. ACS120 switch static characteristic
1
2
3
4
5
I
H
V
PEAK =V CL
100μs/div
I
(5 mA/div)
OUT
V
(200 V/div)
OUT
I
H
V
CL
V
I
1
2
3
4
5
I
H
V
CL
V
T
I
T
1
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com