Electronic Components Datasheet Search
  English  ▼

X  

ACS120 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ACS120
Description  Overvoltage protected AC switch (ACS)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS120 Datasheet(HTML) 3 Page - STMicroelectronics

  ACS120 Datasheet HTML 1Page - STMicroelectronics ACS120 Datasheet HTML 2Page - STMicroelectronics ACS120 Datasheet HTML 3Page - STMicroelectronics ACS120 Datasheet HTML 4Page - STMicroelectronics ACS120 Datasheet HTML 5Page - STMicroelectronics ACS120 Datasheet HTML 6Page - STMicroelectronics ACS120 Datasheet HTML 7Page - STMicroelectronics ACS120 Datasheet HTML 8Page - STMicroelectronics ACS120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DS3279 Rev 5
3/17
ACS120
Characteristics
17
Table 4. Parameter description
Symbol
Parameter description
IGT
Triggering gate current
VGT
Triggering gate voltage
VGD
Non-triggering gate voltage
IH
Holding current
IL
Latching current
VTM
Peak on-state voltage drop
VTO
On-state threshold voltage
Rd
On-state dynamic resistance
IDRM / IRRM
Maximum forward or reverse leakage current
dV/dt
Critical rate of rise of off-state voltage
(dV/dt)c
Critical rate of rise of commutating off-state voltage
(dI/dt)c
Critical rate of decrease of commutating on-state current
VCL
Clamping voltage
ICL
Clamping current
Table 5. Electrical characteristics
Symbol
Test conditions
Values
Unit
IGT
VOUT = 12V (DC), RL = 140 Ω
QII -QIII
TJ = 25 °C
Max.
10
mA
VGT
VOUT = 12V (DC), RL = 140 Ω
QII -QIII
TJ = 25 °C
Max.
1
V
VGD
VOUT = VDRM, RL = 3.3 kΩ
TJ = 125 °C
Min.
0.15
V
IH
IOUT = 100 mA gate open
TJ = 25 °C
Max.
45
mA
IL
IG = 20 mA
TJ = 25 °C
Max.
65
mA
VTM
IOUT = 2.8 A, tp = 380 µs
TJ = 25 °C
Max.
1.3
V
VTO
TJ = 125 °C
Max.
0.85
V
Rd
TJ = 125 °C
Max.
200
mΩ
IDRM /IRRM VOUT = 700 V
TJ= 25 °C
Max.
2
µA
TJ = 125 °C
Max.
200
dV/dt
VOUT = 460 V gate open
TJ = 110 °C
Min.
500
V/µs
(dI/dt)c
(dV/dt)c = 20 V/µs
TJ = 125 °C
Min.
1
A/ms
VCL
ICL = 1 mA, tp = 1 ms
TJ = 25 °C
Typ.
1100
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com