Electronic Components Datasheet Search
  English  ▼

X  

ACS120 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ACS120
Description  Overvoltage protected AC switch (ACS)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS120 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ACS120 Datasheet HTML 2Page - STMicroelectronics ACS120 Datasheet HTML 3Page - STMicroelectronics ACS120 Datasheet HTML 4Page - STMicroelectronics ACS120 Datasheet HTML 5Page - STMicroelectronics ACS120 Datasheet HTML 6Page - STMicroelectronics ACS120 Datasheet HTML 7Page - STMicroelectronics ACS120 Datasheet HTML 8Page - STMicroelectronics ACS120 Datasheet HTML 9Page - STMicroelectronics ACS120 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AC line switch basic application
ACS120
6/17
DS3279 Rev 5
2
AC line switch basic application
The ACS120 device is well adapted to washing machine, dishwasher, tumble drier,
refrigerator, air-conditioning systems, and cookware. It has been designed especially to
switch on and off low power loads such as solenoid, valve, relay, dispenser, micro-motor,
pump, fan and defrost heaters.
This AC switch is triggered by a negative gate current flowing out of the gate pin G. It can be
driven directly by the digital MCU through a resistor as shown on the typical application
diagram.
Thanks to its thermal and turn-off commutation performance, the ACS120 switch can drive,
with no additional turn-off snubber, an inductive load up to 2 A.
Figure 14. Typical application diagram
2.1
Protection against overvoltage: the best choice is ACS
In comparison with standard Triacs the ACS120 is over-voltage self-protected, as specified
by the new parameter VCL. This feature is useful in two operating conditions: in case of turn-
off of very inductive load, and in case of surge voltage that can occur on the electrical
network.
MCU
M
AC Mains
Rg
Vdd
Vss
OUT
COM
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com