Electronic Components Datasheet Search
  English  ▼

X  

ACS120 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ACS120
Description  Overvoltage protected AC switch (ACS)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS120 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ACS120 Datasheet HTML 6Page - STMicroelectronics ACS120 Datasheet HTML 7Page - STMicroelectronics ACS120 Datasheet HTML 8Page - STMicroelectronics ACS120 Datasheet HTML 9Page - STMicroelectronics ACS120 Datasheet HTML 10Page - STMicroelectronics ACS120 Datasheet HTML 11Page - STMicroelectronics ACS120 Datasheet HTML 12Page - STMicroelectronics ACS120 Datasheet HTML 13Page - STMicroelectronics ACS120 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Package information
ACS120
10/17
DS3279 Rev 5
Table 6. TO-220FPAB package mechanical data
Ref.
Dimensions
Millimeters
Inches(1)
1. Inches only for reference.
Min.
Max.
Min.
Max.
A
4.40
4.60
0.1732
0.1811
B
2.50
2.70
0.0984
0.1063
D
2.50
2.75
0.0984
0.1083
E
0.45
0.70
0.0177
0.0276
F
0.75
1.00
0.0295
0.0394
F1
1.15
1.70
0.0453
0.0669
F2
1.15
1.70
0.0453
0.0669
G
4.95
5.20
0.1949
0.2047
G1
2.40
2.70
0.0945
0.1063
H
10.00
10.40
0.3937
0.4094
L2
16.00 Typ.
0.6299 Typ.
L3
28.60
30.60
1.1260
1.2047
L4
9.80
10.60
0.3858
0.4173
L5
2.90
3.60
0.1142
0.1417
L6
15.90
16.40
0.6260
0.6457
L7
9.00
9.30
0.3543
0.3661
Dia.
3.00
3.20
0.1181
0.1260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com