Electronic Components Datasheet Search
  English  ▼

X  

NJM8021 Datasheet(PDF) 13 Page - New Japan Radio

Part # NJM8021
Description  LOW POWER SINGLE CHANNEL OP-AMPS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM8021 Datasheet(HTML) 13 Page - New Japan Radio

Back Button NJM8021 Datasheet HTML 9Page - New Japan Radio NJM8021 Datasheet HTML 10Page - New Japan Radio NJM8021 Datasheet HTML 11Page - New Japan Radio NJM8021 Datasheet HTML 12Page - New Japan Radio NJM8021 Datasheet HTML 13Page - New Japan Radio NJM8021 Datasheet HTML 14Page - New Japan Radio NJM8021 Datasheet HTML 15Page - New Japan Radio NJM8021 Datasheet HTML 16Page - New Japan Radio NJM8021 Datasheet HTML 17Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
- 13 -
Ver.1
http://www.njr.com/
NJM8020/NJM8021
■ PACKAGE DIMENSIONS
4
5
1
2
3
0 ∼ 10 °
2.0 ± 0.2
0.23
0.13
0.65 ± 0.07
1.3 ± 0.2
0.1
+0.1
-0.03
-0.05
+0.1
■ EXAMPLE OF SOLDER PADS DIMENSIONS
SC-88A
Unit: mm
0.65
0.65
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com