Electronic Components Datasheet Search
  English  ▼

X  

NJM8021 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM8021
Description  LOW POWER SINGLE CHANNEL OP-AMPS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM8021 Datasheet(HTML) 3 Page - New Japan Radio

  NJM8021 Datasheet HTML 1Page - New Japan Radio NJM8021 Datasheet HTML 2Page - New Japan Radio NJM8021 Datasheet HTML 3Page - New Japan Radio NJM8021 Datasheet HTML 4Page - New Japan Radio NJM8021 Datasheet HTML 5Page - New Japan Radio NJM8021 Datasheet HTML 6Page - New Japan Radio NJM8021 Datasheet HTML 7Page - New Japan Radio NJM8021 Datasheet HTML 8Page - New Japan Radio NJM8021 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
http://www.njr.com/
NJM8020/NJM8021
- 3 -
Ver.1
■ THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
VALUE
UNIT
Junction-to-ambient thermal resistance
SOT-23-5
(8)
SC-88A
(8)
DFN6-G1 (ESON6-G1)
(9)
θja
2-Layer / 4-Layer
260 / 195
355 / 260
385 / 110
°C /W
Junction-to-Top of package characterization parameter
SOT-23-5
(8)
SC-88A
(8)
DFN6-G1 (ESON6-G1)
(9)
ψjt
2-Layer/ 4-Layer
68 / 58
91 / 74
65 / 26
°C /W
(8) Mounted on glass epoxy board. (76.2×114.3×1.6mm:based on EIA/JDEC standard, 2Layers FR4)
Mounted on glass epoxy board. (76.2×114.3×1.6mm:based on EIA/JDEC standard, 4Layers FR4), internal Cu area: 74.2 x 74.2mm
(9) Mounted on glass epoxy board. (101.5×114.5×1.6mm: based on EIA/JEDEC standard, 2Layers FR-4, with Exposed Pad)
Mounted on glass epoxy board. (101.5×114.5×1.6mm: based on EIA/JEDEC standard, 4Layers FR-4, with Exposed Pad)
*For 4Layers: Applying 99.5×99.5mm inner Cu area and a thermal via hole to a board based on JEDEC standard JESD51-5
■ POWER DISSIPATION vs. AMBIENT TEMPERATURE
■ RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
V
+- V-
3 to 36
V
Operating Ambient Temperature
Topr
- 40 to 125
°C
0
100
200
300
400
500
600
700
0
25
50
75
100
125
150
Ambient Temperature Ta [ºC]
Power Dissipation vs. Temperature
2-Layer
SOT-23-5
SC-88A
DFN6-G1(ESON6-G1)
0
200
400
600
800
1000
1200
1400
0
25
50
75
100
125
150
Ambient Temperature Ta [ºC]
Power Dissipation vs. Temperature
4-Layer
SOT-23-5
SC-88A
DFN6-G1(ESON6-G1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com