Electronic Components Datasheet Search
  English  ▼

X  

NJM8021 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM8021
Description  LOW POWER SINGLE CHANNEL OP-AMPS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM8021 Datasheet(HTML) 4 Page - New Japan Radio

  NJM8021 Datasheet HTML 1Page - New Japan Radio NJM8021 Datasheet HTML 2Page - New Japan Radio NJM8021 Datasheet HTML 3Page - New Japan Radio NJM8021 Datasheet HTML 4Page - New Japan Radio NJM8021 Datasheet HTML 5Page - New Japan Radio NJM8021 Datasheet HTML 6Page - New Japan Radio NJM8021 Datasheet HTML 7Page - New Japan Radio NJM8021 Datasheet HTML 8Page - New Japan Radio NJM8021 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
http://www.njr.com/
NJM8020/NJM8021
- 4 -
Ver.1
■ ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, V
+=5V, V-=0V, R
L=OPEN, Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
(10)
VIO
-
0.5
2
mV
Ta=-40℃ to 125℃
-
-
3
Input Offset Voltage Drift
(11)
ΔV
IO/ΔT
Ta=-40℃ to 125℃
-
5
17
µV/℃
Input Offset Current
IIO
-
2
30
nA
Ta=-40℃ to 125℃
-
-
40
Input Offset Current Drift
(11)
ΔI
IO/ΔT
Ta=-40℃ to 125℃
-
-
300
pA/℃
Input Bias Current
(12)
IB
-
20
150
nA
Ta=-40℃ to 125℃
-
-
200
Open-Loop Voltage Gain
AV
V
+=15V,R
L=2kΩ,
Vo=1.4V to 11.4V
50
100
-
V/mV
V
+=15V,R
L=2kΩ,
Vo=1.4V to 11.4V
Ta=-40 to 125℃
25
-
-
Supply Voltage Rejection Ratio
SVR
V
+=5V to 30V,R
S<10kΩ
65
100
-
dB
V
+=5V to 30V,R
S<10kΩ
Ta=-40 to 125℃
65
-
-
Supply Current
ISUPPLY
Ta=-40 to 125℃
-
0.45
0.7
mA
V
+=30V , Ta=-40 to 125℃
-
-
1
Common Mode Input Voltage
Range
VICM
V
+=30V(13)
0
-
V
+-1.5
V
V
+=30V, Ta=-40 to 125℃
0
-
V
+-2.0
Common-Mode Rejection
Ratio
CMR
RS<10kΩ
70
100
-
dB
RS<10kΩ,Ta=-40 to 125℃
60
-
-
Output Source Current
ISOURCE
V
+=15V,VIN+=1V,VIN-=0V,
Vo=2V
20
40
-
mA
Output Sink Current
ISINK
V
+=15V,V
IN+=0V,VIN-=1V,
Vo=2V
10
20
-
mA
V
+=15V,V
IN+=0V,VIN-=1V,
Vo=0.2V
12
50
-
µA
High-level Output Voltage
VOH
V
+=30V, R
L=2kΩ
26
27
-
V
V
+=30V, R
L=2kΩ
Ta=-40 to 125℃
26
-
-
V
+=30V, R
L=10kΩ
27
28
-
V
+=30V, R
L=10kΩ
Ta=-40 to 125℃
27
-
-
Low-level Output Voltage
VOL
RL=10kΩ
-
5
20
mV
RL=10kΩ
Ta=-40 to 125℃
-
-
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com