Electronic Components Datasheet Search
  English  ▼

X  

NJM8021 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM8021
Description  LOW POWER SINGLE CHANNEL OP-AMPS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM8021 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM8021 Datasheet HTML 3Page - New Japan Radio NJM8021 Datasheet HTML 4Page - New Japan Radio NJM8021 Datasheet HTML 5Page - New Japan Radio NJM8021 Datasheet HTML 6Page - New Japan Radio NJM8021 Datasheet HTML 7Page - New Japan Radio NJM8021 Datasheet HTML 8Page - New Japan Radio NJM8021 Datasheet HTML 9Page - New Japan Radio NJM8021 Datasheet HTML 10Page - New Japan Radio NJM8021 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
http://www.njr.com/
NJM8020/NJM8021
- 7 -
Ver.1
■ TYPICAL CHARACTERISTICS
0
5
10
15
20
25
30
10
100
1k
10k
100k
Load Resistance [
Ω]
Maximum Output Voltage vs. Load Resistance
V+=30V, V-=0V, G
V=OPEN, RL to V
-
Ta=-40ºC
Ta=25ºC
Ta=125ºC
Ta=-40ºC, 25ºC, 125ºC
0
1
2
3
4
5
10
100
1k
10k
100k
Load Resistance [
Ω]
Maximum Output Voltage vs. Load Resistance
V+=5V, V-=0V, G
V=OPEN, RL to V
-
Ta=-40ºC
Ta=25ºC
Ta=125ºC
Ta=-40ºC, 25ºC, 125ºC
0
0.5
1
1.5
2
2.5
3
10
100
1k
10k
100k
Load Resistance [
Ω]
Maximum Output Voltage vs. Load Resistance
V+=3V, V-=0V, G
V=OPEN, RL to V
-
Ta=-40ºC
Ta=25ºC
Ta=125ºC
Ta=-40ºC, 25ºC, 125ºC
0
5
10
15
0.1
1
10
100
Output Current [mA]
Maximum Output Voltage vs. Output Current
V+=15V, V-=0V
Ta=125ºC
Ta=25ºC
Ta=-40ºC
Ta=125ºC
Ta=25ºC
Ta=-40ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com