Electronic Components Datasheet Search
  English  ▼

X  

NJM8021 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJM8021
Description  LOW POWER SINGLE CHANNEL OP-AMPS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM8021 Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJM8021 Datasheet HTML 2Page - New Japan Radio NJM8021 Datasheet HTML 3Page - New Japan Radio NJM8021 Datasheet HTML 4Page - New Japan Radio NJM8021 Datasheet HTML 5Page - New Japan Radio NJM8021 Datasheet HTML 6Page - New Japan Radio NJM8021 Datasheet HTML 7Page - New Japan Radio NJM8021 Datasheet HTML 8Page - New Japan Radio NJM8021 Datasheet HTML 9Page - New Japan Radio NJM8021 Datasheet HTML 10Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
http://www.njr.com/
NJM8020/NJM8021
- 6 -
Ver.1
■ TYPICAL CHARACTERISTICS
0
5
10
15
1k
10k
100k
1M
Frequency [Hz]
Maximum Output Voltage Swing vs. Frequency
V+=15V, V-=0V, Ta=25ºC
Time [2.5
μs/div]
Pulse Response
V+=15V, V-=0V, R
L=2kΩ to V
-, C
L=100pF
INPUT
OUTPUT
Time [2.5
μs/div]
Pulse Response
V+=15V, V-=0V, R
L=2kΩ to V
-, C
L=100pF
INPUT
OUTPUT
0.0
0.2
0.4
0.6
0.8
1.0
-50
-25
0
25
50
75
100
125
150
Ambient Temperature [ºC]
Slew Rate vs. Temperature
V+=15V, V-=0V, f=10kHz
G
V=0dB, CL=100pF, RL=2kΩ to V
-
FALL
RISE
-180
-120
-60
0
60
120
180
-60
-40
-20
0
20
40
60
1k
10k
100k
1M
10M
Frequency [Hz]
Gain/Phase vs. Frequency
V+=2.5V, V-=-2.5V, G
V=40dB,RL=2kΩ to V
-,C
L=100pF
Ta=-40ºC
Phase
Ta=125ºC
Ta=125ºC
Ta=25ºC
Ta=-40ºC
Gain
Ta=25ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com