Electronic Components Datasheet Search
  English  ▼

X  

NJM8021 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM8021
Description  LOW POWER SINGLE CHANNEL OP-AMPS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM8021 Datasheet(HTML) 5 Page - New Japan Radio

  NJM8021 Datasheet HTML 1Page - New Japan Radio NJM8021 Datasheet HTML 2Page - New Japan Radio NJM8021 Datasheet HTML 3Page - New Japan Radio NJM8021 Datasheet HTML 4Page - New Japan Radio NJM8021 Datasheet HTML 5Page - New Japan Radio NJM8021 Datasheet HTML 6Page - New Japan Radio NJM8021 Datasheet HTML 7Page - New Japan Radio NJM8021 Datasheet HTML 8Page - New Japan Radio NJM8021 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
http://www.njr.com/
NJM8020/NJM8021
- 5 -
Ver.1
■ ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, V
+=5V, V-=0V, R
L=OPEN, Ta=25℃)
(10) 5V < V
+ < 30V, 0 < V
com < V
+ - 1.5V.
(11) This parameter is not 100% test.
(12) The direction of the input current is out of the IC.
(13) The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end of the
common-mode voltage range is V
+ - 1.5V, but either or both inputs can go to +36V without damage.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Slew Rate
SR
V
+=15V,
VIN=0.5V to 3V,
RL=2kΩ,CL=100pF
Unity gain
-
0.6
-
V/µs
Gain Bandwidth Product
GBW
V
+=30V,f=100kHz,
VIN=10mV,
RL=2kΩ,CL=100pF
-
1.1
-
MHz
Total Harmonic Distortion
+ Noise
THD+N
f=1kHz,Gv=20dB, RL=2kΩ
VO=2VPP,CL=100pF
-
0.02
-
%
Equivalent Input Noise Voltage
en
f=1kHz, Rs=100Ω V
+=30V
-
30
-
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com