Electronic Components Datasheet Search
  English  ▼

X  

NJM8021 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM8021
Description  LOW POWER SINGLE CHANNEL OP-AMPS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM8021 Datasheet(HTML) 2 Page - New Japan Radio

  NJM8021 Datasheet HTML 1Page - New Japan Radio NJM8021 Datasheet HTML 2Page - New Japan Radio NJM8021 Datasheet HTML 3Page - New Japan Radio NJM8021 Datasheet HTML 4Page - New Japan Radio NJM8021 Datasheet HTML 5Page - New Japan Radio NJM8021 Datasheet HTML 6Page - New Japan Radio NJM8021 Datasheet HTML 7Page - New Japan Radio NJM8021 Datasheet HTML 8Page - New Japan Radio NJM8021 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
http://www.njr.com/
NJM8020/NJM8021
- 2 -
Ver.1
■ PRODUCT NAME INFORMATION
■ ORDERING INFORMATION
PRODUCT
NAME
PACKAGE
RoHS
HALOGEN-
FREE
TERMINAL
FINISH
MARKING
WEIGHT
(mg)
MOQ
(pcs)
NJM8020F
SOT-23-5
Yes
Yes
Sn2Bi
A5Z
15
3000
NJM8020F3
SC-88A
Yes
Yes
Sn2Bi
2E
7.5
3000
NJM8021F
SOT-23-5
Yes
Yes
Sn2Bi
A5Y
15
3000
NJM8021F3
SC-88A
Yes
Yes
Sn2Bi
2D
7.5
3000
NJM8021KG1
DFN6-G1
Yes
Yes
Sn2Bi
8021
3.5
3000
■ ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
V
+- V-
36
V
Input Voltage
(1)
VIN
V
- - 0.3 to V- + 36
V
Output Terminal Input Voltage
Vo
V
- - 0.3 to V+ + 0.3
V
Differential Input Voltage
VID
±36
V
Input Current
(2)
IIN
5
mA
Power Dissipation (Ta=25℃)
SOT-23-5
SC-88A
DFN6-G1 (ESON6-G1)
PD
2-Layer / 4-Layer
480
(4) / 650(5)
360
(4) / 490(5)
330
(6) / 1200(7)
mW
Junction Temperature
Tjmax
150
°C
Storage Temperature Range
Tstg
- 65 to 150
°C
(1) Input voltage is the voltage should be allowed to apply to the input terminal independent of the magnitude of V
+
The normal amplifier operation input voltage is within “Common Mode Input Voltage Range” specified in the Electrical characteristics.
(2) This input current only exists when the voltage at any of the input leads is driven negative. It is due to the collector-vase junction of the input PNP transistor
becoming forward-biased and thereby acting as input diode clamp. In addition to this diode action, there is NPN parasitic action on the IC chip. This transistor
action can cause the output voltages of the OP-Amps to go to the V
+ voltage level (or to ground for a large overdrive) for the time during which an input is
driven negative.
(3) Short-circuit can cause excessive heating and destructive dissipation. Values are typical.
(4) Mounted on glass epoxy board. (76.2×114.3×1.6mm:based on EIA/JDEC standard, 2-layer FR-4)
(5) Mounted on glass epoxy board. (76.2×114.3×1.6mm:based on EIA/JDEC standard, 4-layer FR-4), internal Cu area: 74.2x 74.2mm
(6) Mounted on glass epoxy board. (101.5×114.5×1.6mm: based on EIA/JEDEC standard, 2-layer FR-4, with Exposed Pad)
(7) Mounted on glass epoxy board. (101.5×114.5×1.6mm: based on EIA/JEDEC standard, 4-layer FR-4, with Exposed Pad)
*For 4-layer: Applying 99.5×99.5mm inner Cu area and a thermal via hole to a board based on JEDEC standard JESD51-5
NJM8020
F
(TE1)
Part Number
Package
Taping Form



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com