Electronic Components Datasheet Search
  English  ▼

X  

AP64102 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP64102
Description  3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64102 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP64102 Datasheet HTML 3Page - Diodes Incorporated AP64102 Datasheet HTML 4Page - Diodes Incorporated AP64102 Datasheet HTML 5Page - Diodes Incorporated AP64102 Datasheet HTML 6Page - Diodes Incorporated AP64102 Datasheet HTML 7Page - Diodes Incorporated AP64102 Datasheet HTML 8Page - Diodes Incorporated AP64102 Datasheet HTML 9Page - Diodes Incorporated AP64102 Datasheet HTML 10Page - Diodes Incorporated AP64102 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AP64102
Document number: DS43572 Rev. 2 - 2
7 of 21
www.diodes.com
July 2021
© Diodes Incorporated
AP64102
Typical Performance Characteristics (AP64102 @ TA = +25°C, VIN = 12V, VOUT = 5V, fSW = 500kHz (RT = 200kΩ ± 1%),
CSS = 10nF, BOM = Table 1, unless otherwise specified.)
Figure 4. Efficiency vs. Output Current, VIN = 12V
Figure 5. Efficiency vs. Output Current, VIN = 24V
Figure 6. Line Regulation
Figure 7. Load Regulation
Figure 8. Feedback Voltage vs. Temperature, IOUT = 1A
Figure 9. Power MOSFET RDS(ON) vs. Temperature
50
55
60
65
70
75
80
85
90
95
100
0.001
0.010
0.100
1.000
10.000
IOUT (A)
VOUT = 5V, L = 15
μH
VOUT = 3.3V, L = 15
μH
50
55
60
65
70
75
80
85
90
95
100
0.001
0.010
0.100
1.000
10.000
IOUT (A)
VOUT = 5V, L = 15
μH
VOUT = 3.3V, L = 15
μH
4.95
4.96
4.97
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
5
10
15
20
25
30
35
40
45
VIN (V)
IOUT = 0A
IOUT = 0.5A
IOUT = 1A
4.975
4.980
4.985
4.990
4.995
5.000
5.005
5.010
5.015
5.020
5.025
0.000 0.125 0.250 0.375 0.500 0.625 0.750 0.875 1.000
IOUT (A)
VIN = 12V
VIN = 24V
0.794
0.795
0.796
0.797
0.798
0.799
0.800
0.801
0.802
0.803
0.804
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
20
40
60
80
100
120
140
160
180
200
220
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
High-Side MOSFET
Low-Side MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com