Electronic Components Datasheet Search
  English  ▼

X  

AP64102 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP64102
Description  3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64102 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP64102 Datasheet HTML 10Page - Diodes Incorporated AP64102 Datasheet HTML 11Page - Diodes Incorporated AP64102 Datasheet HTML 12Page - Diodes Incorporated AP64102 Datasheet HTML 13Page - Diodes Incorporated AP64102 Datasheet HTML 14Page - Diodes Incorporated AP64102 Datasheet HTML 15Page - Diodes Incorporated AP64102 Datasheet HTML 16Page - Diodes Incorporated AP64102 Datasheet HTML 17Page - Diodes Incorporated AP64102 Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
AP64102
Document number: DS43572 Rev. 2 - 2
14 of 21
www.diodes.com
July 2021
© Diodes Incorporated
AP64102
Application Information (continued)
10
Setting the Output Voltage
The AP64102 has adjustable output voltages, starting from 0.8V, using an external resistive divider. The resistor values of the feedback network
are selected based on a design trade-off between efficiency and output voltage accuracy. There is less current consumption in the feedback
network for high resistor values, which improves efficiency at light loads. However, values too high cause the device to be more susceptible to
noise affecting its output voltage accuracy. R1 can be determined by the following equation:
������������ = ������������ ∙ (
������������������������
������. ������������
− ������)
Eq. 6
Table 1 shows a list of recommended component selections for common AP64102 output voltages referencing Figure 1.
Table 1. Recommended Components Selections, fSW = 500kHz
AP64102
Output Voltage
(V)
R1
(k
Ω)
R2
(k
Ω)
L
(µH)
C1
(µF)
C2
(µF)
C3
(nF)
1.2
4.99
10
6.8
2 x 10
22
100
1.5
8.66
10
8.2
2 x 10
22
100
1.8
12.40
10
10.0
2 x 10
22
100
2.5
21.50
10
10.0
2 x 10
22
100
3.3
31.60
10
15.0
2 x 10
22
100
5.0
52.30
10
15.0
2 x 10
22
100
12.0
140.00
10
33.0
2 x 10
22
100
11
Adjusting Soft-Start Time
The AP64102 features an adjustable soft-start time to prevent inrush current during the start-up sequence. Connect an external soft-start capacitor,
CSS, from the SS pin to ground.
The SS pin sources an internal 4µA current to charge CSS when the EN pin exceeds the device’s turn-on threshold. The AP64102 uses the lower
voltage between the SS pin voltage and the internal 0.8V reference voltage as the input reference voltage for the error amplifier to regulate the
output. Soft-start finishes when the SS pin voltage exceeds the 0.8V internal reference. The CSS capacitance required for a given soft-start time is
approximated by:
������������������[������������] ≈ ������. ������ ∙ ������������������[������������]
Eq. 7
Where:
CSS is the capacitance in nF and is at least 10nF
tSS is the soft-start time in ms and is at least 3ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com