Electronic Components Datasheet Search
  English  ▼

X  

AP64102 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP64102
Description  3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64102 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP64102 Datasheet HTML 6Page - Diodes Incorporated AP64102 Datasheet HTML 7Page - Diodes Incorporated AP64102 Datasheet HTML 8Page - Diodes Incorporated AP64102 Datasheet HTML 9Page - Diodes Incorporated AP64102 Datasheet HTML 10Page - Diodes Incorporated AP64102 Datasheet HTML 11Page - Diodes Incorporated AP64102 Datasheet HTML 12Page - Diodes Incorporated AP64102 Datasheet HTML 13Page - Diodes Incorporated AP64102 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AP64102
Document number: DS43572 Rev. 2 - 2
10 of 21
www.diodes.com
July 2021
© Diodes Incorporated
AP64102
Typical Performance Characteristics (AP64102 @ TA = +25°C, VIN = 12V, VOUT = 5V, fSW = 500kHz (RT = 200kΩ ± 1%),
CSS = 10nF, BOM = Table 1, unless otherwise specified.) (continued)
Figure 21. Startup Using EN, IOUT = 1A
Figure 22. Shutdown Using EN, IOUT = 1A
Figure 23. Output Short Protection, IOUT = 1A
Figure 24. Output Short Recovery, IOUT = 1A
VOUT (2V/div)
VEN (5V/div)
IL (1A/div)
VSW (10V/div)
1ms/div
VEN (5V/div)
VOUT (2V/div)
IL (1A/div)
VSW (10V/div)
100
μs/div
VOUT (2V/div)
IL (1A/div)
VSW (10V/div)
10ms/div
VOUT (2V/div)
IL (1A/div)
VSW (10V/div)
10ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com