Electronic Components Datasheet Search
  English  ▼

X  

AP64102 Datasheet(PDF) 18 Page - Diodes Incorporated

Part # AP64102
Description  3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64102 Datasheet(HTML) 18 Page - Diodes Incorporated

Back Button AP64102 Datasheet HTML 13Page - Diodes Incorporated AP64102 Datasheet HTML 14Page - Diodes Incorporated AP64102 Datasheet HTML 15Page - Diodes Incorporated AP64102 Datasheet HTML 16Page - Diodes Incorporated AP64102 Datasheet HTML 17Page - Diodes Incorporated AP64102 Datasheet HTML 18Page - Diodes Incorporated AP64102 Datasheet HTML 19Page - Diodes Incorporated AP64102 Datasheet HTML 20Page - Diodes Incorporated AP64102 Datasheet HTML 21Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
AP64102
Document number: DS43572 Rev. 2 - 2
18 of 21
www.diodes.com
July 2021
© Diodes Incorporated
AP64102
Layout
PCB Layout
1.
The AP64102 works at 1A load current so heat dissipation is a major concern in the layout of the PCB. 2oz copper for both the top and
bottom layers is recommended.
2.
Place the input capacitors as closely across VIN and GND as possible.
3.
Place the inductor as close to SW as possible.
4.
Place the output capacitors as close to GND as possible.
5.
Place the feedback components as close to FB as possible.
6.
If using four or more layers, use at least the 2nd and 3rd layers as GND to maximize thermal performance.
7.
Add as many vias as possible around both the GND pin and under the GND plane for heat dissipation to all the GND layers.
8.
Add as many vias as possible around both the VIN pin and under the VIN plane for heat dissipation to all the VIN layers.
9.
See Figure 28 for more details.
C2
EXPOSED PAD
BST
VIN
EN
RT/CLK
FB
SS
GND
SW
C3
R1
R2
RT
VIN
VOUT
GND
SW
Figure 28. Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com