Electronic Components Datasheet Search
  English  ▼

X  

AP64102 Datasheet(PDF) 19 Page - Diodes Incorporated

Part # AP64102
Description  3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64102 Datasheet(HTML) 19 Page - Diodes Incorporated

Back Button AP64102 Datasheet HTML 13Page - Diodes Incorporated AP64102 Datasheet HTML 14Page - Diodes Incorporated AP64102 Datasheet HTML 15Page - Diodes Incorporated AP64102 Datasheet HTML 16Page - Diodes Incorporated AP64102 Datasheet HTML 17Page - Diodes Incorporated AP64102 Datasheet HTML 18Page - Diodes Incorporated AP64102 Datasheet HTML 19Page - Diodes Incorporated AP64102 Datasheet HTML 20Page - Diodes Incorporated AP64102 Datasheet HTML 21Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
AP64102
Document number: DS43572 Rev. 2 - 2
19 of 21
www.diodes.com
July 2021
© Diodes Incorporated
AP64102
Ordering Information
SP : SO-8EP
AP64102 X - X
13 : Tape & Reel
Package
Packing
Part Number
Package Code
Tape and Reel
Quantity
Part Number Suffix
AP64102SP-13
SP
4,000
-13
Marking Information
SO-8EP
AP64102
(Top View)
YY WW X X E
Logo
WW : Week : 01 to 52; 52
YY : Year : 21, 22, 23~
X X : Internal Code
8
7
6
5
1
2
3
4
Represents 52 and 53 Week
E : SO-8EP
Marking ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com