Electronic Components Datasheet Search
  English  ▼

X  

AP64102 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP64102
Description  3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64102 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP64102 Datasheet HTML 12Page - Diodes Incorporated AP64102 Datasheet HTML 13Page - Diodes Incorporated AP64102 Datasheet HTML 14Page - Diodes Incorporated AP64102 Datasheet HTML 15Page - Diodes Incorporated AP64102 Datasheet HTML 16Page - Diodes Incorporated AP64102 Datasheet HTML 17Page - Diodes Incorporated AP64102 Datasheet HTML 18Page - Diodes Incorporated AP64102 Datasheet HTML 19Page - Diodes Incorporated AP64102 Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
AP64102
Document number: DS43572 Rev. 2 - 2
16 of 21
www.diodes.com
July 2021
© Diodes Incorporated
AP64102
Application Information (continued)
13
Inductor
Calculating the inductor value is a critical factor in designing a buck converter. For most designs, the following equation can be used to calculate
the inductor value:
������ =
������������������������ ∙ (������������������ − ������������������������)
������������������ ∙ ∆������������ ∙ ������������������
Eq. 9
Where:
∆IL is the inductor current ripple
fSW is the buck converter switching frequency
For the AP64102
, choose ∆IL to be 30% to 40% of the maximum load current of 1A.
The inductor peak current is calculated by:
������������
������������������������ = ������������������������������ +
∆������������
������
Eq. 10
Peak current determines the required saturation current rating, which influences the size of the inductor. Saturating the inductor decreases the
converter efficiency while increasing the temperatures of the inductor and the internal power MOSFETs. Therefore, choosing an inductor with the
appropriate saturation current rating is important. For most applications, it is recommended to select an inductor of approximately 3.3µH to 22µH
with a DC current rating of at least 35% higher than the maximum load current. For highest efficiency, the inductor’s DC resistance should be less
than 5
0mΩ. Use a larger inductance for improved efficiency under light load conditions.
14
Input Capacitor
The input capacitor reduces both the surge current drawn from the input supply as well as the switching noise from the device. The input capacitor
must sustain the ripple current produced during the on-time of Q1. It must have a low ESR to minimize power dissipation due to the RMS input
current.
The RMS current rating of the input capacitor is a critical parameter and must be higher than the RMS input current. As a rule of thumb, select an
input capacitor with an RMS current rating greater than half of the maximum load current.
Due to large dI/dt through the input capacitor, electrolytic or ceramic capacitors with low ESR should be used. If using a tantalum capacitor, it must
be surge protected or else capacitor failure could occur. Using a ceramic capacitor of 20µF or greater is sufficient for most applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com