Electronic Components Datasheet Search
  English  ▼

X  

AP64102 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP64102
Description  3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64102 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP64102 Datasheet HTML 8Page - Diodes Incorporated AP64102 Datasheet HTML 9Page - Diodes Incorporated AP64102 Datasheet HTML 10Page - Diodes Incorporated AP64102 Datasheet HTML 11Page - Diodes Incorporated AP64102 Datasheet HTML 12Page - Diodes Incorporated AP64102 Datasheet HTML 13Page - Diodes Incorporated AP64102 Datasheet HTML 14Page - Diodes Incorporated AP64102 Datasheet HTML 15Page - Diodes Incorporated AP64102 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
AP64102
Document number: DS43572 Rev. 2 - 2
12 of 21
www.diodes.com
July 2021
© Diodes Incorporated
AP64102
Application Information (continued)
4
Electromagnetic Interference (EMI) Reduction with Ringing-Free Switching Node and Frequency Spread Spectrum (FSS)
In some applications, the system must meet EMI standards. In relation to high frequency radiation EMI noise
, the switching node’s (SW’s) ringing
amplitude is especially critical. To dampen high frequency radiated EMI noise, the AP64102 device implements a proprietary, multi-level gate
driver scheme that achieves a ringing-free switching node without sacrificing the switching nod
e’s rise and fall slew rates as well as the converter’s
power efficiency.
To further improve EMI reduction, the AP64102 device also implements FSS with a switching frequency jitter of ±6%. FSS reduces conducted and
radiated interference at a particular frequency by spreading the switching noise over a wider frequency band and by not allowing emitted energy to
stay in any one frequency for a significant period of time.
5
Adjusting Undervoltage Lockout (UVLO)
Undervoltage lockout is implemented to prevent the IC from insufficient input voltages. The AP64102 device has a UVLO comparator that monitors
the input voltage and the internal bandgap reference. The AP64102 disables if the input voltage falls below 3.1V. In this UVLO event, both the
high-side and low-side power MOSFETs turn off.
Some applications may desire higher VIN UVLO threshold voltages than is provided by the default setup. A 4µA hysteresis pull-up current source
on the EN pin along with an external resistive divider (R3 and R4) configures the VIN UVLO threshold voltages as shown in Figure 25.
VIN
R3
R4
ON
EN
1.18V
I1
1.5μA
I2
4μA
20kΩ
+
–
Figure 25. Adjusting UVLO
The resistive divider resistor values are calculated by:
������������ =
������. ������������������ ∙ ������������������ − ������������������������
������. ������������������������������
Eq. 2
������������ =
������. ������������ ∙ ������������
������������������������ − ������. ������������������ + ������. ������������������ ∙ ������������
Eq. 3
Where:
VON is the rising edge VIN voltage to enable the regulator and is greater than 3.7V
VOFF is the falling edge VIN voltage to disable the regulator and is greater than 3.3V
6
Output Overvoltage Protection (OVP)
The AP64102 implements output OVP circuitry to minimize output voltage overshoots during decreasing load transients. The high-side power
MOSFET turns off, and the low-side power MOSFET turns on, when the feedback voltage exceeds 110% of the 0.8V internal reference voltage in
order to prevent the output voltage from continuing to increase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com