Electronic Components Datasheet Search
  English  ▼

X  

ESD751 Datasheet(PDF) 4 Page - Texas Instruments

Part # ESD751
Description  ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD751 Datasheet(HTML) 4 Page - Texas Instruments

  ESD751 Datasheet HTML 1Page - Texas Instruments ESD751 Datasheet HTML 2Page - Texas Instruments ESD751 Datasheet HTML 3Page - Texas Instruments ESD751 Datasheet HTML 4Page - Texas Instruments ESD751 Datasheet HTML 5Page - Texas Instruments ESD751 Datasheet HTML 6Page - Texas Instruments ESD751 Datasheet HTML 7Page - Texas Instruments ESD751 Datasheet HTML 8Page - Texas Instruments ESD751 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
DEVICE
MIN
MAX
UNIT
PPP
IEC 61000-4-5 Power (tp - 8/20 µs) at 25°C
ESD1LIN24-Q1
159
W
ESD751-Q1
102
ESD761-Q1
65
IPP
IEC 61000-4-5 current (tp - 8/20 µs) at 25°C
ESD1LIN24-Q1
4.3
A
ESD751-Q1
2.8
ESD761-Q1
1.8
TA
Operating free-air temperature
-55
150
°C
TJ
Junction temperature
-55
150
Tstg
Storage temperature
-65
155
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
6.2 ESD Ratings—AEC Specification
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per AEC Q101-001(1)
± 2500
V
Charged device model (CDM), per AEC
Q101-005
± 1000
(1)
AEC Q100-002 indicates that HBM stressing must be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 ESD Ratings—IEC Specification
DEVICE
VALUE
UNIT
V(ESD)
Electrostatic discharge
IEC 61000-4-2 Contact Discharge, all pins
ESD1LIN24-Q1
±30000
V
ESD751-Q1
±22000
ESD761-Q1
±15000
IEC 61000-4-2 Air-gap Discharge, all pins
ESD1LIN24-Q1
±30000
ESD751-Q1
±22000
ESD761-Q1
±15000
ESD1LIN24-Q1, ESD751-Q1, ESD761-Q1
SLVSGS4B – SEPTEMBER 2022 – REVISED NOVEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ESD1LIN24-Q1 ESD751-Q1 ESD761-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com