Electronic Components Datasheet Search
  English  ▼

X  

ESD751 Datasheet(PDF) 5 Page - Texas Instruments

Part # ESD751
Description  ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD751 Datasheet(HTML) 5 Page - Texas Instruments

  ESD751 Datasheet HTML 1Page - Texas Instruments ESD751 Datasheet HTML 2Page - Texas Instruments ESD751 Datasheet HTML 3Page - Texas Instruments ESD751 Datasheet HTML 4Page - Texas Instruments ESD751 Datasheet HTML 5Page - Texas Instruments ESD751 Datasheet HTML 6Page - Texas Instruments ESD751 Datasheet HTML 7Page - Texas Instruments ESD751 Datasheet HTML 8Page - Texas Instruments ESD751 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
6.4 ESD Ratings - ISO Specification
DEVICE
VALUE
UNIT
V(ESD) Electrostatic discharge
Contact discharge
ISO 10605, 150-pF, 330-Ω, IO
ESD1LIN24-Q1
± 30000
V
ESD751-Q1
± 22000
ESD761-Q1
± 15000
ISO 10605, 330-pF, 330-Ω, IO
ESD1LIN24-Q1
± 30000
ESD751-Q1
± 22000
ESD761-Q1
± 15000
Air-gap discharge
ISO 10605, 150-pF, 330-Ω, IO
ESD1LIN24-Q1
± 30000
ESD751-Q1
± 22000
ESD761-Q1
± 15000
ISO 10605, 330-pF, 330-Ω, IO
ESD1LIN24-Q1
± 30000
ESD751-Q1
± 22000
ESD761-Q1
± 15000
6.5 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
-24
24
V
TA
Operating free-air temperature
-55
150
°C
6.6 Thermal Information
THERMAL METRIC(1)
ESD1LIN24-Q1
ESD751-Q1
ESD761-Q1
UNIT
DYF (SOD-323)
DYA (SOD-523)
DPY (X1SON)
2 PINS
2 PINS
2 PINS
RθJA
Junction-to-ambient thermal resistance
705.4
282.3
746.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
315
150.6
301.2
°C/W
RθJB
Junction-to-board thermal resistance
561.5
98.3
509.6
°C/W
ΨJT
Junction-to-top characterization parameter
145
9.6
81.8
°C/W
ΨJB
Junction-to-board characterization parameter
550.2
97.7
503.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
www.ti.com
ESD1LIN24-Q1, ESD751-Q1, ESD761-Q1
SLVSGS4B – SEPTEMBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: ESD1LIN24-Q1 ESD751-Q1 ESD761-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com