Electronic Components Datasheet Search
  English  ▼

X  

ESD751 Datasheet(PDF) 10 Page - Texas Instruments

Part # ESD751
Description  ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD751 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ESD751 Datasheet HTML 6Page - Texas Instruments ESD751 Datasheet HTML 7Page - Texas Instruments ESD751 Datasheet HTML 8Page - Texas Instruments ESD751 Datasheet HTML 9Page - Texas Instruments ESD751 Datasheet HTML 10Page - Texas Instruments ESD751 Datasheet HTML 11Page - Texas Instruments ESD751 Datasheet HTML 12Page - Texas Instruments ESD751 Datasheet HTML 13Page - Texas Instruments ESD751 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 are single channel TVS diodes which are used to provide
a path to ground for dissipating ESD events on LIN signal lines. The LIN signal lines are typically routed
throughout the automobile to connect between the different ECUs. As the current from ESD passes through the
TVS, only a small voltage drop is present across the diode. This is the voltage presented to the protected IC.
The low RDYN of the triggered TVS holds this voltage, VCLAMP, to a safe level for the protected IC.
8.2 Typical Application
A
(for exa
Figure 8-1. Typical Application
8.2.1 Design Requirements
For this design example, the ESD1LIN24-Q1 is used to provide ESD protection to a LIN transceiver. The
parameters listed in Table 8-1 are the known design parameters for this application.
Table 8-1. Design Parameters for Typical Applications
Design Parameter
Value
Diode configuration
Bidirectional
VIO signal range
Up to 18 V
VRWM
±24 V
Jumpstart short to battery event on VIO
±24 V
Data rate
Up to 10 Mbps
Pullup resistor
1 kΩ
ESD1LIN24-Q1, ESD751-Q1, ESD761-Q1
SLVSGS4B – SEPTEMBER 2022 – REVISED NOVEMBER 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ESD1LIN24-Q1 ESD751-Q1 ESD761-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com