Electronic Components Datasheet Search
  English  ▼

X  

ESD751 Datasheet(PDF) 9 Page - Texas Instruments

Part # ESD751
Description  ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD751 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ESD751 Datasheet HTML 5Page - Texas Instruments ESD751 Datasheet HTML 6Page - Texas Instruments ESD751 Datasheet HTML 7Page - Texas Instruments ESD751 Datasheet HTML 8Page - Texas Instruments ESD751 Datasheet HTML 9Page - Texas Instruments ESD751 Datasheet HTML 10Page - Texas Instruments ESD751 Datasheet HTML 11Page - Texas Instruments ESD751 Datasheet HTML 12Page - Texas Instruments ESD751 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
7.3.3 Dynamic Resistance
The I/O pins feature an ESD clamp that have a low RDYN of 0.48 Ω for the ESD1LIN24-Q1, 0.6 Ω for the
ESD751-Q1, and 0.58 Ω for the ESD761-Q1.
7.3.4 DC Breakdown Voltage
The DC breakdown voltage between the I/O pins is a minimum of ± 25.5 V. This shields sensitive equipment
from surges above the reverse standoff voltage of ± 24 V.
7.3.5 Ultra Low Leakage Current
The I/O pins feature an ultra-low leakage current of 50 nA (maximum) with a bias of ± 24 V.
7.3.6 Clamping Voltage
The I/O pins of the ESD1LIN24-Q1 feature an ESD clamp that is capable of clamping the voltage to 37 V ( IPP
= 4.3 A) and 37.7 V (IPP = 16 A for TLP). The I/O pins of the ESD751-Q1 feature an ESD clamp that is capable
of clamping the voltage to 36.5 V (IPP = 2.8 A) and 39.7 V (IPP = 16 A for TLP). The I/O pins of the ESD761-Q1
feature an ESD clamp that is capable of clamping the voltage to 36.3 V (IPP = 1.8 A) and 39.3 V (IPP = 16 A for
TLP).
7.3.7 Industry Standard Packages
The ESD1LIN24-Q1 and ESD751-Q1 feature industry standard SOD-323 (DYF) and SOD-523 (DYA) leaded
packages for automatic optical inspection (AOI). The ESD761-Q1 is offered in the leadless X1SON (DPY)
package
7.4 Device Functional Modes
The ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 are single channel passive clamps that have low leakage
during normal operation when the voltage between I/O and GND is below VRWM, and activate when the voltage
between I/O and GND goes above VBR. During ISO 10605 ESD events, transient voltages from ±30 kV to ±15
kV can be clamped on either channel. When the voltages on the protected lines fall below the VHOLD, the device
reverts back to the low leakage passive state
www.ti.com
ESD1LIN24-Q1, ESD751-Q1, ESD761-Q1
SLVSGS4B – SEPTEMBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ESD1LIN24-Q1 ESD751-Q1 ESD761-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com