Electronic Components Datasheet Search
  English  ▼

X  

ESD751 Datasheet(PDF) 11 Page - Texas Instruments

Part # ESD751
Description  ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD751 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ESD751 Datasheet HTML 7Page - Texas Instruments ESD751 Datasheet HTML 8Page - Texas Instruments ESD751 Datasheet HTML 9Page - Texas Instruments ESD751 Datasheet HTML 10Page - Texas Instruments ESD751 Datasheet HTML 11Page - Texas Instruments ESD751 Datasheet HTML 12Page - Texas Instruments ESD751 Datasheet HTML 13Page - Texas Instruments ESD751 Datasheet HTML 14Page - Texas Instruments ESD751 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
8.2.2 Detailed Design Procedure
The ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 have a VRWM of ±24 V to protect the diode from being
damaged during a short to battery event that can occur by reversing the terminal connections during jumpstart.
The bidirectional characteristic ensures both positive and negative polarity are protected. The low capacitance of
5 pF or less permits data rates up to 10 Mbps, which allows the designer to meet the requirements for LIN. The 1
kΩ and VSUP diode allows the LIN signal to be pulled up to a diode drop below the battery voltage.
8.2.3 Application Curves
Figure 8-2. +8-kV Clamped IEC Waveform
Figure 8-3. −8-kV Clamped IEC Waveform
9 Power Supply Recommendations
This device is a passive TVS diode-based ESD protection device, therefore there is no requirement to power it.
Ensure that the maximum voltage specifications for each pin is not violated.
10 Layout
10.1 Layout Guidelines
• The optimum placement is as close to the connector as possible.
– EMI during an ESD event can couple from the trace being struck to other nearby unprotected traces,
resulting in early system failures.
– The PCB designer must minimize the possibility of EMI coupling by keeping any unprotected traces away
from the protected traces which are between the TVS and the connector.
• Route the protected traces as straight as possible.
• Eliminate any sharp corners on the protected traces between the TVS and the connector by using rounded
corners with the largest radii possible.
– Electric fields tend to build up on corners, increasing EMI coupling.
• If pin 1 or 2 is connected to ground, use a thick and short trace for this return path.
www.ti.com
ESD1LIN24-Q1, ESD751-Q1, ESD761-Q1
SLVSGS4B – SEPTEMBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ESD1LIN24-Q1 ESD751-Q1 ESD761-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com