Electronic Components Datasheet Search
  English  ▼

X  

ESD751 Datasheet(PDF) 8 Page - Texas Instruments

Part # ESD751
Description  ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD751 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ESD751 Datasheet HTML 4Page - Texas Instruments ESD751 Datasheet HTML 5Page - Texas Instruments ESD751 Datasheet HTML 6Page - Texas Instruments ESD751 Datasheet HTML 7Page - Texas Instruments ESD751 Datasheet HTML 8Page - Texas Instruments ESD751 Datasheet HTML 9Page - Texas Instruments ESD751 Datasheet HTML 10Page - Texas Instruments ESD751 Datasheet HTML 11Page - Texas Instruments ESD751 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
7 Detailed Description
7.1 Overview
The ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 are single-channel ESD diodes available in industry
standard packages (SOD-323 and SOD-523) which are convenient for automatic optical inspection as well as
a smaller leadless package X1SON (DPY). These products offer ISO 10605 ESD ratings of (±30- kV Contact,
±30-kV Airgap), (±22-kV Contact, ±22- kV Airgap), and (±15-kV Contact, ±15-kV Airgap), respectively. The 2.3
pF, 1.6 pF, and 1.1 pF line capacitance of these ESD protection diodes are suitable for LIN applications that
support data rates from 20 Kbps to 10 Mbps.
Typical application of these products is the ESD circuit protection for LIN transceivers used in automotive
applications. These devices are commonly used for ESD protection inside automotive electronic control units
(ECUs) for head lights, door modules, climate control, roof control, wipers, cluster, audio, and many other
automotive applications.
7.2 Functional Block Diagram
1
2
7.3 Feature Description
The ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 are single-channel bidirectional ESD diodes with a high
ESD protection level. These devices have a small dynamic resistance, which makes the clamping voltage low
when the device is actively protecting other circuits. The breakdown is bidirectional so these protection devices
can prevent system damage if battery leads are swapped. Low leakage allows the diodes to conserve power
when working below the VRWM. The temperature range of −55°C to +150°C makes these ESD devices work at
extensive temperatures in most environments.
7.3.1 IEC 61000-4-5 Surge Protection
The I/O pins of the ESD1LIN24-Q1, ESD751-Q1, ESD761-Q1 have the following surge ratings (8/20 µs
waveform): 4.3A, 2.8 A, and 1.8 A, respectively. An ESD-surge clamp diverts this current to ground.
7.3.2 IO Capacitance
The capacitance between the I/O pins of the ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 devices are as
follows: 2.3 pF, 1.6 pF, and 1.1 pF, respectively. The capacitance of these devices support data rates for LIN up
to 10 Mbps.
ESD1LIN24-Q1, ESD751-Q1, ESD761-Q1
SLVSGS4B – SEPTEMBER 2022 – REVISED NOVEMBER 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ESD1LIN24-Q1 ESD751-Q1 ESD761-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com