Electronic Components Datasheet Search
  English  ▼

X  

ESD751 Datasheet(PDF) 1 Page - Texas Instruments

Part # ESD751
Description  ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD751 Datasheet(HTML) 1 Page - Texas Instruments

  ESD751 Datasheet HTML 1Page - Texas Instruments ESD751 Datasheet HTML 2Page - Texas Instruments ESD751 Datasheet HTML 3Page - Texas Instruments ESD751 Datasheet HTML 4Page - Texas Instruments ESD751 Datasheet HTML 5Page - Texas Instruments ESD751 Datasheet HTML 6Page - Texas Instruments ESD751 Datasheet HTML 7Page - Texas Instruments ESD751 Datasheet HTML 8Page - Texas Instruments ESD751 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD
Protection Diodes for In-Vehicle Networks
1 Features
• IEC 61000-4-2 level 4 ESD protection:
– ±30-kV, ±22-kV or ±15-kV contact discharge
– ±30-kV, ±22-kV or ±15-kV air-gap discharge
• ISO 10605 (330 pF, 330 Ω) ESD protection:
– ±30-kV, ±22-kV or ±15-kV contact discharge
– ±30-kV, ±22-kV or ±15-kV air-gap discharge
• 24-V working voltage
• Bidirectional ESD protection
• Low clamping voltage protects downstream
components
• AEC-Q101 qualified
• Temperature range: –55°C to +150°C
• I/O capacitance = 2.3 pF, 1.6 pF, or 1.1 pF (typical)
• Offered in industry standard packages: SOD-323
(DYF), SOD-523 (DYA), and 0402 size leadless
package (DPY)
• Leaded packages used for automatic optical
inspection (AOI)
2 Applications
• Automotive in-vehicle networks:
– Local interconnect network (LIN)
– Single line CAN ESD protection
• Industrial control networks:
– DeviceNet
– Smart distribution systems
3 Description
The ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1
are single-channel low capacitance bidirectional ESD
protection devices for local interconnect network
(LIN). These devices are rated to dissipate contact
ESD strikes beyond the maximum level specified
in the IEC 61000-4-2 international standard (±30-
kV Contact, ±30-kV Airgap), (±22-kV Contact, ±22-
kV Airgap), and (±15-kV Contact, ±15-kV Airgap),
respectively. The low dynamic resistance and low
clamping voltage help protect systems against
transient events. This protection is key as automotive
systems require a high level of robustness and
reliability when they control safety devices.
The ESD1LIN24-Q1 and ESD751-Q1 are both offered
in leaded packages for easy flow through routing.
Package Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ESD1LIN24-Q1 (2)
DYF (SOD-323, 2)
2.50 mm × 1.20 mm
ESD751-Q1
DYA (SOD-523, 2)
1.60 mm × 0.80 mm
ESD761-Q1 (2)
DPY (X1SON, 2)
1.00 mm × 0.60 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
Advanced Information devices only.
A
(for exa
Typical Application
ESD1LIN24-Q1, ESD751-Q1, ESD761-Q1
SLVSGS4B – SEPTEMBER 2022 – REVISED NOVEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - ESD751

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESD751 TI-ESD751 Datasheet
957Kb / 19P
ESD751 and ESD761 24-V 1-Channel ESD Protection Diodes
REVISED DECEMBER 2022
ESD751 TI-ESD751 Datasheet
1Mb / 24P
ESD751 and ESD761 24-V 1-Channel ESD Protection Diodes
REVISED DECEMBER 2022
ESD751 TI-ESD751 Datasheet
1Mb / 27P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED DECEMBER 2022
ESD751-Q1 TI-ESD751-Q1 Datasheet
1Mb / 26P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED SEPTEMBER 2022
ESD751-Q1 TI-ESD751-Q1 Datasheet
957Kb / 19P
ESD751 and ESD761 24-V 1-Channel ESD Protection Diodes
REVISED DECEMBER 2022
More results

Similar Description - ESD751

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PESD24V PROTEC-PESD24V Datasheet
463Kb / 7P
ESD PROTECTION FOR IN-VEHICLE NETWORKS
logo
Texas Instruments
ESD2CAN24-Q1 TI-ESD2CAN24-Q1 Datasheet
1Mb / 22P
ESD2CAN24-Q1 Automotive 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
JUNE 2022
ESD1LIN24-Q1 TI-ESD1LIN24-Q1 Datasheet
1Mb / 26P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED SEPTEMBER 2022
ESD2CAN24-Q1 TI-ESD2CAN24-Q1_V01 Datasheet
1Mb / 25P
ESD2CANxx24-Q1 Automotive 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
REVISED SEPTEMBER 2022
ESD2CAN24-Q1 TI-ESD2CAN24-Q1_V02 Datasheet
2Mb / 28P
ESD2CANxx24-Q1 Automotive 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
REVISED NOVEMBER 2022
ESD2CANFD24 TI-ESD2CANFD24 Datasheet
1Mb / 14P
ESD2CANFD24 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
NOVEMBER 2022
ESD751 TI-ESD751 Datasheet
957Kb / 19P
ESD751 and ESD761 24-V 1-Channel ESD Protection Diodes
REVISED DECEMBER 2022
ESD751 TI-ESD751_V01 Datasheet
1Mb / 24P
ESD751 and ESD761 24-V 1-Channel ESD Protection Diodes
REVISED DECEMBER 2022
ESD1LIN24-Q1 TI-ESD1LIN24-Q1_V02 Datasheet
1Mb / 27P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED DECEMBER 2022
ESD1LIN24 TI-ESD1LIN24 Datasheet
682Kb / 16P
ESD1LIN24 24-V, 1-Channel ESD Protection Diode
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com