Electronic Components Datasheet Search
  English  ▼

X  

ESD752 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ESD752
Description  ESD752 and ESD762 24-V, 2-Channel, ESD Protection With 5.7 A of 8/20 μs Surge Protection in a SOT-23 and SOT-323 / SC-70 Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD752 Datasheet(HTML) 4 Page - Texas Instruments

  ESD752 Datasheet HTML 1Page - Texas Instruments ESD752 Datasheet HTML 2Page - Texas Instruments ESD752 Datasheet HTML 3Page - Texas Instruments ESD752 Datasheet HTML 4Page - Texas Instruments ESD752 Datasheet HTML 5Page - Texas Instruments ESD752 Datasheet HTML 6Page - Texas Instruments ESD752 Datasheet HTML 7Page - Texas Instruments ESD752 Datasheet HTML 8Page - Texas Instruments ESD752 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
PARAMETER
DEVICE
MIN
MAX UNIT
Ppp
IEC 61000-4-5 Power (tp – 8/20 µs) at 25°C
ESD752
210
W
IEC 61000-4-5 Power (tp – 8/20 µs) at 25°C
ESD762
90
W
Ipp
IEC 61000-4-5 current (tp – 8/20 µs) at 25°C
ESD752
5.7
A
IEC 61000-4-5 current (tp – 8/20 µs) at 25°C
ESD762
2.5
A
TA
Operating free-air temperature
-55
150
°C
TJ
Junction temperature
-55
150
°C
Tstg
Storage temperature
-65
155
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
6.2 ESD Ratings—JEDEC Specification
PARAMETER
TEST CONDITION
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
± 2500
V
Charged device model (CDM), per JEDEC specification JS-002 (2)
± 1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufactuuring with a standard ESD control proccess.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufactuuring with a standard ESD control proccess.
6.3 ESD Ratings—IEC Specification
over TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITION
DEVICE
VALUE
UNIT
V(ESD)
Electrostatic discharge
IEC 61000-4-2 Contact Discharge, all pins
ESD752
±30000
V
ESD762
±20000
V
IEC 61000-4-2 Air Discharge, all pins
ESD752
±30000
V
ESD762
±20000
V
6.4 Recommended Operating Conditions
PARAMETER
MIN
NOM
MAX
UNIT
VIN
Input voltage
-24
24
V
TA
Operating free-air temperature
-55
150
°C
6.5 Thermal Information
THERMAL METRIC(1)
ESD752
ESD762
UNIT
DBZ (SOT-23)
DCK (SOT-323 / SC-70)
DBZ (SOT-23)
3 PINS
3 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
291.5
283.0
325.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
147.1
164.1
178.8
°C/W
RθJB
Junction-to-board thermal resistance
131.1
105.1
165.5
°C/W
ΨJT
Junction-to-top characterization parameter
32.0
67.1
52.4
°C/W
ΨJB
Junction-to-board characterization parameter
130.2
104.4
164.4
°C/W
ESD752, ESD762
SLVSGX0B – MAY 2022 – REVISED NOVEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ESD752 ESD762



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com