Electronic Components Datasheet Search
  English  ▼

X  

ESD752 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ESD752
Description  ESD752 and ESD762 24-V, 2-Channel, ESD Protection With 5.7 A of 8/20 μs Surge Protection in a SOT-23 and SOT-323 / SC-70 Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD752 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ESD752 Datasheet HTML 6Page - Texas Instruments ESD752 Datasheet HTML 7Page - Texas Instruments ESD752 Datasheet HTML 8Page - Texas Instruments ESD752 Datasheet HTML 9Page - Texas Instruments ESD752 Datasheet HTML 10Page - Texas Instruments ESD752 Datasheet HTML 11Page - Texas Instruments ESD752 Datasheet HTML 12Page - Texas Instruments ESD752 Datasheet HTML 13Page - Texas Instruments ESD752 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The ESD752 and ESD762 are dual channel TVS diodes which are used to provide a path to ground for
dissipating ESD events on USB-PD or industrial IO signal lines. As the current from the ESD passes through the
TVS, only a small voltage drop is present across the diode. This is the voltage presented to the protected IC.
The low RDYN of the triggered TVS holds this voltage (VCLAMP) to a safe level for the protected IC.
8.2 Typical Application
ESD762
2
1
3
USB
Connector
VBUS
CC1
CC2
SBU1
SBU2
D+
D-
Over Voltage
Protection
USB PD
Controller
2
1
3
ESD752
2
1
3
ESD752
ESD7x1
1
2
USB Power Delivery Applica on
Figure 8-1. USB Power Delivery Typical Application
8.2.1 Design Requirements
For this design example, the ESD752 and ESD762 are used to provide ESD protection on a USB-PD connector.
Table 8-1 lists the known design parameters for this application.
Table 8-1. Design Parameters for the USB Power Delivery Typical Application
Design Parameter
Value
Diode configuration
Bidirectional
VBUS Voltage
+ 20 V
VIO signal range
+ 3.3 V
VRWM
± 24 V
Short to VBUS event on VIO
± 20 V
Data rate
Up to 480 Mbps
ESD752, ESD762
SLVSGX0B – MAY 2022 – REVISED NOVEMBER 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ESD752 ESD762



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com