Electronic Components Datasheet Search
  English  ▼

X  

ESD752 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ESD752
Description  ESD752 and ESD762 24-V, 2-Channel, ESD Protection With 5.7 A of 8/20 μs Surge Protection in a SOT-23 and SOT-323 / SC-70 Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD752 Datasheet(HTML) 2 Page - Texas Instruments

  ESD752 Datasheet HTML 1Page - Texas Instruments ESD752 Datasheet HTML 2Page - Texas Instruments ESD752 Datasheet HTML 3Page - Texas Instruments ESD752 Datasheet HTML 4Page - Texas Instruments ESD752 Datasheet HTML 5Page - Texas Instruments ESD752 Datasheet HTML 6Page - Texas Instruments ESD752 Datasheet HTML 7Page - Texas Instruments ESD752 Datasheet HTML 8Page - Texas Instruments ESD752 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings—JEDEC Specification...........................4
6.3 ESD Ratings—IEC Specification................................ 4
6.4 Recommended Operating Conditions.........................4
6.5 Thermal Information....................................................4
6.6 Electrical Characteristics.............................................5
6.7 Typical Characteristics – ESD752...............................6
6.8 Typical Characteristics – ESD762...............................7
7 Detailed Description........................................................8
7.1 Overview..................................................................... 8
7.2 Functional Block Diagram........................................... 8
7.3 Feature Description.....................................................8
7.4 Device Functional Modes............................................9
8 Application and Implementation.................................. 10
8.1 Application Information............................................. 10
8.2 Typical Application.................................................... 10
9 Power Supply Recommendations................................11
10 Layout...........................................................................12
10.1 Layout Guidelines................................................... 12
10.2 Layout Example...................................................... 12
11 Device and Documentation Support..........................13
11.1 Documentation Support.......................................... 13
11.2 Receiving Notification of Documentation Updates.. 13
11.3 Support Resources................................................. 13
11.4 Trademarks............................................................. 13
11.5 Electrostatic Discharge Caution.............................. 13
11.6 Glossary.................................................................. 13
12 Mechanical, Packaging, and Orderable
Information.................................................................... 13
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (August 2022) to Revision B (November 2022)
Page
• Added ESD762 Specifications to the data sheet................................................................................................ 1
• Added the Application Curves section.............................................................................................................. 11
Changes from Revision * (May 2022) to Revision A (August 2022)
Page
• Changed the status of the data sheet from: Advanced Information to: Production Data ...................................1
ESD752, ESD762
SLVSGX0B – MAY 2022 – REVISED NOVEMBER 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ESD752 ESD762



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com